Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L513 Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L513
Description  5mm Round Type LED lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L513 Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L513 Datasheet HTML 1Page - BetLux Electronics BL-L513 Datasheet HTML 2Page - BetLux Electronics BL-L513 Datasheet HTML 3Page - BetLux Electronics BL-L513 Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Round Type LED lamp
BL-L513
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
5mm Round Type LED lamp
Ø
Ultra brightness.
Ø
Choice of various viewing angles.
Ø
Diffused, Transparent and Water clear lens are available.
Ø
IC compatible /Low current capability.
Ø
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
P
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2¦È1/2
(deg)
BL-L513SRC
Hi Red
AlGa As,SH
660
1.85
2.20
50
250
BL-L513LRC
Super Red
AlGa As,DH
660
1.85
2.20
250
600
BL-L513URC
Ultra Red
AlGa As,DDH
660
1.95
2.20
600
1000
BL-L513UEC
Ultra Orange
AlGaInP
630
2.10
2.50
800
2000
BL-L513UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
1000
2200
BL-L513UGC
Ultra Green
AlGaInP
574
2.20
2.50
300
700
BL-L513PGC
Ultra Pure Green
InGaN
525
3.80
4.50
2000
5000
BL-L513BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
1800
4000
BL-L513UBC
Ultra Blue
InGaN
470
2.70
4.20
2000
5000
BL-L513UVC
UV
InGaN
405
3.80
4.50
80
150
BL-L513UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
3000
10000
20
BL-L513SRD
Hi Red
AlGa As,SH
660
1.85
2.20
20
80
BL-L513LRD
Super Red
AlGa As,DH
660
1.85
2.20
50
120
BL-L513URD
Ultra Red
AlGa As,DDH
660
1.95
2.20
100
220
BL-L513UED
Ultra Orange
AlGaInP
630
2.10
2.50
120
300
BL-L513UYD
Ultra Yellow
AlGaInP
590
2.10
2.50
120
320
BL-L513UYOD
Ultra Yellow
AlGaInP
619
2.10
2.50
120
320
BL-L513UGD
Ultra Green
AlGaInP
574
2.20
2.50
45
100
BL-L513PGD
Ultra Pure Green
InGaN
525
3.80
4.50
400
900
BL-L513BGD
Ultra Bluish Green
InGaN
505
3.80
4.50
300
800
BL-L513UBD
Ultra Blue
InGaN
470
2.70
4.20
400
900
BL-L513UWW
Ultra White
InGaN
/
Diffus
ed
2.70
4.20
1000
2000
60


Similar Part No. - BL-L513

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L513 BETLUX-BL-L513 Datasheet
73Kb / 3P
   Round Type LED lamp
BL-L513-B BETLUX-BL-L513-B Datasheet
232Kb / 4P
   5mm Round Blinking flash LED Lamps
BL-L513BGC BETLUX-BL-L513BGC Datasheet
73Kb / 3P
   Round Type LED lamp
BL-L513BGC-B BETLUX-BL-L513BGC-B Datasheet
73Kb / 3P
   Round Type, Blinking LED lamp
BL-L513BGC-B BETLUX-BL-L513BGC-B Datasheet
232Kb / 4P
   5mm Round Blinking flash LED Lamps
More results

Similar Description - BL-L513

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L502 BETLUX-BL-L502 Datasheet
230Kb / 4P
   5mm Round Type LED lamp
BL-L512 BETLUX-BL-L512 Datasheet
234Kb / 4P
   5mm Round Type LED lamp
BL-L524 BETLUX-BL-L524 Datasheet
557Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L522 BETLUX-BL-L522 Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L523 BETLUX-BL-L523 Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
logo
Kingbright Corporation
WP9294ZGC-G KINGBRIGHT-WP9294ZGC-G_15 Datasheet
325Kb / 6P
   5mm ROUND LED LAMP
WP9294SECK-J3 KINGBRIGHT-WP9294SECK-J3 Datasheet
321Kb / 5P
   5mm Round LED Lamp
WP9294QBC-G KINGBRIGHT-WP9294QBC-G Datasheet
420Kb / 6P
   5mm ROUND LED LAMP
WP9294SECK-J3 KINGBRIGHT-WP9294SECK-J3_15 Datasheet
318Kb / 6P
   5mm ROUND LED LAMP
WP9294QBC-D KINGBRIGHT-WP9294QBC-D Datasheet
321Kb / 5P
   5mm Round LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com