Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L516RGBC Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-L516RGBC
Description  5mm Round Type , FULL COLOR LED lamp, Random flashing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L516RGBC Datasheet(HTML) 4 Page - BetLux Electronics

  BL-L516RGBC Datasheet HTML 1Page - BetLux Electronics BL-L516RGBC Datasheet HTML 2Page - BetLux Electronics BL-L516RGBC Datasheet HTML 3Page - BetLux Electronics BL-L516RGBC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Round Type, FULL COLOR LED lamp, Random flash
BL-L516
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.3
Page 4 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
9 Inner Box /Box
3 Inner Box /Box
Maximum
6
Bag/Inner Box
1K pcs/bag
0.3g/pcs


Similar Part No. - BL-L516RGBC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L512 BETLUX-BL-L512 Datasheet
234Kb / 4P
   5mm Round Type LED lamp
BL-L512BC BETLUX-BL-L512BC Datasheet
73Kb / 3P
   Round Type LED lamp
BL-L512BC BETLUX-BL-L512BC Datasheet
234Kb / 4P
   5mm Round Type LED lamp
BL-L512BGC BETLUX-BL-L512BGC Datasheet
73Kb / 3P
   Round Type LED lamp
BL-L512BGC BETLUX-BL-L512BGC Datasheet
234Kb / 4P
   5mm Round Type LED lamp
More results

Similar Description - BL-L516RGBC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L515 BETLUX-BL-L515 Datasheet
245Kb / 4P
   5mm Round Type , FULL COLOR LED lamp
logo
OptoSupply Internationa...
OST1MC5A31A OPTOSUPPLY-OST1MC5A31A Datasheet
97Kb / 1P
   5mm Round Full Color Flashing Red & Blue & Green LED
OST1MC5A32A OPTOSUPPLY-OST1MC5A32A Datasheet
97Kb / 1P
   5mm Round Full Color Flashing Red & Blue & Green LED
OST1MA5A32A OPTOSUPPLY-OST1MA5A32A Datasheet
97Kb / 1P
   5mm Round Full Color Flashing Red & Blue & Green LED
OST1MK5A31A OPTOSUPPLY-OST1MK5A31A Datasheet
106Kb / 1P
   5mm Round Full Color Flashing Red & Blue & Green LED
OST1MK5A32A OPTOSUPPLY-OST1MK5A32A Datasheet
107Kb / 1P
   5mm Round Full Color Flashing Red & Blue & Green LED
OST1MC5A31A OPTOSUPPLY-OST1MC5A31A_11 Datasheet
106Kb / 1P
   5mm Round Full Color Flashing Red & Blue & Green LED
OST1MA5A31A OPTOSUPPLY-OST1MA5A31A_11 Datasheet
106Kb / 1P
   5mm Round Full Color Flashing Red & Blue & Green LED
OST1MA5A31A OPTOSUPPLY-OST1MA5A31A Datasheet
97Kb / 1P
   5mm Round Full Color Flashing Red & Blue & Green LED
OST1MC5A32A OPTOSUPPLY-OST1MC5A32A_11 Datasheet
107Kb / 1P
   5mm Round Full Color Flashing Red & Blue & Green LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com