Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3015 Datasheet(PDF) 4 Page - Unitpower Technology Limited

Part # UM3015
Description  P-Ch 30V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UM3015 Datasheet(HTML) 4 Page - Unitpower Technology Limited

  UM3015 Datasheet HTML 1Page - Unitpower Technology Limited UM3015 Datasheet HTML 2Page - Unitpower Technology Limited UM3015 Datasheet HTML 3Page - Unitpower Technology Limited UM3015 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
P-Ch 30V Fast Switching MOSFETs
10
100
1000
10000
1
5
9
13
17
21
25
-VDS , Drain to Source Voltage(V)
F=1.0MHz
Ciss
Coss
Crss
0.01
0.10
1.00
10.00
100.00
0.01
0.1
1
10
100
-VDS (V)
TA=25
oC
Single Pulse
100ms
100us
1ms
10ms
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
DUTY=0.5
SINGLE
P
DM
D = T
ON/T
T
Jpeak = TC+PDMXRθJC
T
ON
T
Fig.8 Safe Operating Area
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Unclamped Inductive Switching Waveform
UM3015


Similar Part No. - UM3015

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UM3015 XINDEYI-UM3015 Datasheet
484Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
logo
SHENZHEN DOINGTER SEMIC...
UM3015 DOINGTER-UM3015 Datasheet
2Mb / 7P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - UM3015

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UD3003 UNITPOWER-UD3003 Datasheet
757Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
UD3001 UNITPOWER-UD3001 Datasheet
719Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN3113 PACELEADER-PKN3113 Datasheet
1Mb / 5P
   P-Ch 30V Fast Switching MOSFETs
PKN3601 PACELEADER-PKN3601 Datasheet
1Mb / 5P
   P-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3401K UPI-QM3401K Datasheet
270Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKL3107 PACELEADER-PKL3107 Datasheet
1Mb / 5P
   P-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM3003 UNITPOWER-UM3003 Datasheet
731Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
US3003 UNITPOWER-US3003 Datasheet
817Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKN3107 FETEK-FKN3107 Datasheet
479Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
Ver : A
FKS3105 FETEK-FKS3105 Datasheet
612Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
Ver : A
FKCE3031 FETEK-FKCE3031 Datasheet
554Kb / 5P
   P-Ch 30V Fast Switching MOSFETs
Ver : B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com