Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703100AF1-40-FA1 Datasheet(PDF) 11 Page - NEC

Part # UPD703100AF1-40-FA1
Description  V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703100AF1-40-FA1 Datasheet(HTML) 11 Page - NEC

Back Button UPD703100AF1-40-FA1 Datasheet HTML 7Page - NEC UPD703100AF1-40-FA1 Datasheet HTML 8Page - NEC UPD703100AF1-40-FA1 Datasheet HTML 9Page - NEC UPD703100AF1-40-FA1 Datasheet HTML 10Page - NEC UPD703100AF1-40-FA1 Datasheet HTML 11Page - NEC UPD703100AF1-40-FA1 Datasheet HTML 12Page - NEC UPD703100AF1-40-FA1 Datasheet HTML 13Page - NEC UPD703100AF1-40-FA1 Datasheet HTML 14Page - NEC UPD703100AF1-40-FA1 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
Preliminary Data Sheet U14168EJ2V0DS00
11
µµµµPD703100A-33, 703100A-40, 703101A-33, 703102A-33
2. PIN FUNCTIONS
2.1 Port Pins
(1/3)
Pin Name
I/O
Function
Alternate Function
P00
TO100
P01
TO101
P02
TCLR10
P03
TI10
P04
INTP100/DMARQ0
P05
INTP101/DMARQ1
P06
INTP102/DMARQ2
P07
I/O
Port 0
8-bit I/O port
Input/output mode can be specified in 1-bit units
INTP103/DMARQ3
P10
TO110
P11
TO111
P12
TCLR11
P13
TI11
P14
INTP110/DMAAK0
P15
INTP111/DMAAK1
P16
INTP112/DMAAK2
P17
I/O
Port 1
8-bit I/O port
Input/output mode can be specified in 1-bit units
INTP113/DMAAK3
P20
I
NMI
P21
P22
TXD0/SO0
P23
RXD0/SI0
P24
SCK0
P25
TXD1/SO1
P26
RXD1/SI1
P27
I/O
Port 2
P20 is an input only port.
When a valid edge is input, this pin operates as NMI input. Also, bit 0
of the P2 register indicates the NMI input status.
P21 to P27 are a 7-bit I/O port.
Input/output mode can be specified in 1-bit units
SCK1
P30
TO130
P31
TO131
P32
TCLR13
P33
TI13
P34
INTP130
P35
INTP131/SO2
P36
INTP132/SI2
P37
I/O
Port 3
8-bit I/O port.
Input/output mode can be specified in 1-bit units
INTP133/SCK2
P40 to P47
I/O
Port 4
8-bit I/O port
Input/output mode can be specified in 1-bit units
D0 to D7


Similar Part No. - UPD703100AF1-40-FA1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703100AF1-33-FA3-A RENESAS-UPD703100AF1-33-FA3-A Datasheet
759Kb / 87P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD703100AF1-40-FA1

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD70F3461 RENESAS-PD70F3461_15 Datasheet
926Kb / 63P
   V850E/CAG4-M 32-Bit Single-Chip Microcontroller
logo
NEC
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com