Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZGC16TWS Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # TZGC16TWS
Description  200mW Multiple Terminals SMD Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TZGC16TWS Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  TZGC16TWS Datasheet HTML 1Page - TAITRON Components Incorporated TZGC16TWS Datasheet HTML 2Page - TAITRON Components Incorporated TZGC16TWS Datasheet HTML 3Page - TAITRON Components Incorporated TZGC16TWS Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. A/WW
200mW Multiple Terminals SMD Zener Diodes
www.taitroncomponents.com
Page 3 of 4
TZGC2V4TWS –TZGC75TWS
TZGC36TWS
WW
36
34.20
37.80
5
90
350
1
0.1
25.2
TZGC39TWS
WX
39
37.05
40.95
5
130
350
1
0.1
27.3
TZGC43TWS
WY
43
40.85
45.15
5
150
375
1
0.1
30.1
TZGC47TWS
WZ
47
44.65
49.35
5
170
375
1
0.1
32.9
TZGC51TWS
XA
51
48.45
53.55
5
100
400
1
0.1
38
TZGC56TWS
X2
56
53.20
58.80
2.5
135
1000
1
0.1
42
TZGC62TWS
X3
62
58.90
65.10
2.5
150
1000
1
0.1
46
TZGC68TWS
X4
68
64.60
71.40
2.5
200
1000
1
0.1
51
TZGC75TWS
X5
75
71.25
78.75
2.5
250
1000
1
0.1
56
Dimensions in inch (mm)
Mounting Pad Layout in inch (mm)
SOT-363


Similar Part No. - TZGC16TWS

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
TZG001 BURKERT-TZG001 Datasheet
345Kb / 7P
   Cylinder
31.01.2020
More results

Similar Description - TZGC16TWS

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
BZT52C2V4WS TAITRON-BZT52C2V4WS Datasheet
184Kb / 5P
   200mW Two Terminals SMD Zener Diodes
BAT54 TAITRON-BAT54 Datasheet
191Kb / 6P
   Multiple Terminals SMD Schottky Diodes
BAV70WS TAITRON-BAV70WS Datasheet
307Kb / 4P
   Multiple Terminals SMD Switching Diodes
logo
First Components Intern...
BZX84C2V4W FCI-BZX84C2V4W Datasheet
166Kb / 2P
   200mW ZENER DIODES
logo
TAITRON Components Inco...
MMSZ4681 TAITRON-MMSZ4681 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
MMSZ5225B TAITRON-MMSZ5225B Datasheet
203Kb / 6P
   500mW Two Terminals SMD Zener Diodes
MMSZ5225B-F TAITRON-MMSZ5225B-F Datasheet
161Kb / 4P
   500mW Two Terminals SMD Zener Diodes
BZT52C2V4 TAITRON-BZT52C2V4 Datasheet
213Kb / 4P
   410mW Two Terminals SMD Zener Diodes
BZT52C2V4-F TAITRON-BZT52C2V4-F Datasheet
212Kb / 4P
   410mW Two Terminals SMD Zener Diodes
MMSZ4685-F TAITRON-MMSZ4685-F Datasheet
111Kb / 3P
   500mW Two Terminals SMD Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com