Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63460-3606 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63460-3606
Description  Full Radius Insulation Punch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63460-3606 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63460-3606 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/30/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63460-3606
Status:
Active
Description:
Full Radius Insulation Punch
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Cutter
Geographic Area
Global
Level of Automation
Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
N/A
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Punch
UPC
822348061365
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-STANDARD-PARTS
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
63854-4100 , 63854-4170 , 63864-4100 ,
63864-4170 , 63900-6200 , 63900-6270 ,
63910-6200 , 63910-6270
This document was generated on 01/30/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63460-3606

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
6346 HUBBELL-6346 Datasheet
365Kb / 1P
   Anchor, No Wrench, 6in x 66in Tripleye
logo
Molex Electronics Ltd.
63462-0003 MOLEX11-63462-0003 Datasheet
36Kb / 1P
   Insulation Anvil
63462-0005 MOLEX11-63462-0005 Datasheet
36Kb / 1P
   Insulation Anvil
63463-0002 MOLEX11-63463-0002 Datasheet
35Kb / 1P
   Insulation Punch
63463-0004 MOLEX11-63463-0004 Datasheet
35Kb / 1P
   Insulation Punch
More results

Similar Description - 63460-3606

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63446-1462 MOLEX11-63446-1462 Datasheet
35Kb / 1P
   Insulation Punch - Full Radius
0634603606 MOLEX-0634603606 Datasheet
55Kb / 1P
   Full Radius Insulation Punch
08/26/2022
0634461462 MOLEX-0634461462 Datasheet
54Kb / 1P
   Insulation Punch - Full Radius
08/26/2022
0638404200 MOLEX11-0638404200 Datasheet
34Kb / 1P
   Terminator Die - Full Radius Insulation & Doubles
11-18-4466 MOLEX11-11-18-4466 Datasheet
28Kb / 1P
   Insulation Punch
63446-2502 MOLEX11-63446-2502 Datasheet
35Kb / 1P
   Insulation Punch
0690392501 MOLEX11-0690392501 Datasheet
27Kb / 1P
   Insulation Punch
0690392576 MOLEX11-0690392576 Datasheet
53Kb / 1P
   Insulation Punch
0690392596 MOLEX11-0690392596 Datasheet
54Kb / 1P
   Insulation Punch
0011110070 MOLEX11-0011110070 Datasheet
16Kb / 1P
   Insulation Punch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com