Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703102GJ-33 Datasheet(PDF) 1 Page - NEC

Part # UPD703102GJ-33
Description  V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703102GJ-33 Datasheet(HTML) 1 Page - NEC

  UPD703102GJ-33 Datasheet HTML 1Page - NEC UPD703102GJ-33 Datasheet HTML 2Page - NEC UPD703102GJ-33 Datasheet HTML 3Page - NEC UPD703102GJ-33 Datasheet HTML 4Page - NEC UPD703102GJ-33 Datasheet HTML 5Page - NEC UPD703102GJ-33 Datasheet HTML 6Page - NEC UPD703102GJ-33 Datasheet HTML 7Page - NEC UPD703102GJ-33 Datasheet HTML 8Page - NEC UPD703102GJ-33 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
The information in this document is subject to change without notice.
MOS INTEGRATED CIRCUIT
µµµµPD703100-33, 703100-40, 703101-33, 703102-33
V850E/MS1
TM
32/16-BIT SINGLE-CHIP MICROCONTROLLERS
Document No. U13995EJ1V0DS00 (1st edition)
Date Published April 1999 N CP(K)
Printed in Japan
PRELIMINARY DATA SHEET
1999
©
The
µPD703101-33 and µPD703102-33 are members of the V850 FamilyTM of 32-bit single-chip microcontrollers
designed for real-time control operations. These microcontrollers provide on-chip features, including a 32-bit CPU
core, ROM, RAM, interrupt controller, real-time pulse unit, serial interface, A/D converter, and DMA controller.
The
µPD703100-33 and µPD703100-40 are ROM-less versions of the µPD703101-33 and µPD703102-33
products.
The
µPD703100-A33, µPD703100-A40, µPD703101-A33, and µPD703102-A33 are also available as products
having a 3.3-V power supply for external pins.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
V850E/MS1 User’s Manual Hardware:
U12688E
V850E/MS1 User’s Manual Architecture: U12197E
FEATURES
Number of instructions: 81
Minimum instruction execution time
25 ns (@ 40-MHz operation) ·····
µPD703100-40
30 ns (@ 33-MHz operation) ·····
µPD703100-33, 703101-33, 703102-33
General registers 32 bits
× 32
Instruction set optimized for control applications
Internal memory ROM : None (
µPD703100-33, 703100-40),
96 Kbytes (
µPD703101-33),
128 Kbytes (
µPD703102-33)
RAM : 4 Kbytes
Advanced on-chip interrupt controller
Real-time pulse unit suitable for control operations
Powerful serial interface (on-chip dedicated baud rate generator)
On-chip clock generator
10-bit resolution A/D converter: 8 channels
DMA controller: 4 channels
Power saving functions
APPLICATIONS
Office automation equipment: printers, facsimile machines, PPCs, etc.
Multimedia equipment: digital still cameras, video printers, etc.
Consumer equipment: single-lens reflex cameras, etc.
Industrial equipment: motor controllers, NC machine tools, etc.


Similar Part No. - UPD703102GJ-33

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703102GJ-33-XXX-UEN RENESAS-UPD703102GJ-33-XXX-UEN Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
UPD703102GJ-33-XXX-UEN-A RENESAS-UPD703102GJ-33-XXX-UEN-A Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD703102GJ-33

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD70F3461 RENESAS-PD70F3461_15 Datasheet
926Kb / 63P
   V850E/CAG4-M 32-Bit Single-Chip Microcontroller
logo
NEC
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com