Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1108 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1108
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1108 Datasheet(HTML) 5 Page - Linear Technology

  LT1108 Datasheet HTML 1Page - Linear Technology LT1108 Datasheet HTML 2Page - Linear Technology LT1108 Datasheet HTML 3Page - Linear Technology LT1108 Datasheet HTML 4Page - Linear Technology LT1108 Datasheet HTML 5Page - Linear Technology LT1108 Datasheet HTML 6Page - Linear Technology LT1108 Datasheet HTML 7Page - Linear Technology LT1108 Datasheet HTML 8Page - Linear Technology LT1108 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1108
ATI
1 OPER
negative input of A2 is the 1.245V reference. A resistor
divider from VIN to GND, with the mid-point connected to
the SET pin provides the trip voltage in a low battery
detector application. A0 can sink 100
µA (use a 47k resis-
tor pull-up to 5V).
A resistor connected between the ILIM pin and VIN sets
maximum switch current. When the switch current ex-
ceeds the set value, the switch cycle is prematurely
terminated. If current limit is not used, ILIM should be tied
directly to VIN. Propagation delay through the current-
limit circuitry is approximately 2
µs.
In step-up mode the switch emitter (SW2) is connected to
ground and the switch collector (SW1) drives the induc-
tor; in step-down mode the collector is connected to VIN
and the emitter drives the inductor.
The LT1108-5 and LT1108-12 are functionally identical to
the LT1108. The -5 and -12 versions have on-chip voltage
setting resistors for fixed 5V or 12V outputs. Pin 8 on the
fixed versions should be connected to the output. No
external resistors are needed.
The LT1108 is a gated oscillator switcher. This type
architecture has very low supply current because the
switch is cycled when the feedback pin voltage drops
below the reference voltage. Circuit operation can best be
understood by referring to the LT1108 block diagram.
Comparator A1 compares the feedback (FB) pin voltage
with the 1.245V reference signal. When FB drops below
1.245V, A1 switches on the 19kHz oscillator. The driver
amplifier boosts the signal level to drive the output NPN
power switch. The switch cycling action raises the output
voltage and FB pin voltage. When the FB voltage is suffi-
cient to trip A1, the oscillator is gated off. A small amount
of hysteresis built into A1 ensures loop stability without
external frequency compensation. When the comparator
output is low, the oscillator and all high current circuitry
is turned off, lowering device quiescent current to just
110
µA.
The oscillator is set internally for 36
µs ON-time and 17µs
OFF-time, allowing continuous mode operation in many
cases such as 2V to 5V converters. Continuous mode
greatly increases available output power.
Gain block A2 can serve as a low battery detector. The
I
DAGRA
BLOCK
S
LT1108
LT1108-5/LT1108-12
ILIM
A2
A1
VIN
GND
FB
SET
A0
GAIN BLOCK/
ERROR AMP
COMPARATOR
DRIVER
SW1
SW2
1.245V
REFERENCE
OSCILLATOR
LT1108 • BD
ILIM
A2
A1
VIN
GND
SET
A0
GAIN BLOCK/
ERROR AMP
COMPARATOR
DRIVER
SW1
SW2
1.245V
REFERENCE
OSCILLATOR
LT1108-5 • BD
SENSE
R1
R2
753k
LT1108-5: R1 = 250k
LT1108-12: R1 = 87.4k


Similar Part No. - LT1108

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108-12 LINER-LT1108-12 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108-5 LINER-LT1108-5 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108CN8 LINER-LT1108CN8 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108CN8-12 LINER-LT1108CN8-12 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results

Similar Description - LT1108

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1110 LINER-LT1110 Datasheet
310Kb / 16P
   Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173 Datasheet
322Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com