Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1229 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1229
Description  Dual and Quad 100MHz Current Feedback Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1229 Datasheet(HTML) 4 Page - Linear Technology

  LT1229_15 Datasheet HTML 1Page - Linear Technology LT1229_15 Datasheet HTML 2Page - Linear Technology LT1229_15 Datasheet HTML 3Page - Linear Technology LT1229_15 Datasheet HTML 4Page - Linear Technology LT1229_15 Datasheet HTML 5Page - Linear Technology LT1229_15 Datasheet HTML 6Page - Linear Technology LT1229_15 Datasheet HTML 7Page - Linear Technology LT1229_15 Datasheet HTML 8Page - Linear Technology LT1229_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1229/LT1230
4
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Each Amplifier, VCM = 0V, ±5V ≤ VS = ±15V, pulse tested unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AV
Large-Signal Voltage Gain, (Note 3)
VS = ±15V, VOUT = ±10V, RL = 1k
q
55
65
dB
VS = ±5V, VOUT = ±2V, RL = 150Ω
q
55
65
dB
ROL
Transresistance,
∆VOUT/∆IIN–, (Note 3)
VS = ±15V, VOUT = ±10V, RL = 1k
q
100
200
k
VS = ±5V, VOUT = ±2V, RL = 150Ω
q
100
200
k
VOUT
Maximum Output Voltage Swing, (Note 3)
VS = ±15V, RL = 400Ω, TA = 25°C
±12
±13.5
V
q
±10
V
VS = ±5V, RL = 150Ω, TA = 25°C
±3
±3.7
V
q
±2.5
V
IOUT
Maximum Output Current
RL = 0Ω, TA = 25°C
30
65
125
mA
IS
Supply Current, (Note 4)
VOUT = 0V, Each Amplifier, TA = 25°C
6
9.5
mA
q
11
mA
SR
Slew Rate, (Notes 5 and 7)
TA = 25°C
300
700
V/
µs
SR
Slew Rate
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 400Ω
2500
V/
µs
tr
Rise Time, (Notes 6 and 7)
TA = 25°C10
20
ns
BW
Small-Signal Bandwidth
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 100Ω
100
MHz
tr
Small-Signal Rise Time
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 100Ω
3.5
ns
Propagation Delay
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 100Ω
3.5
ns
Small-Signal Overshoot
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 100Ω
15
%
ts
Settling Time
0.1%, VOUT = 10V, RF =1k, RG= 1k, RL =1k
45
ns
Differential Gain, (Note 8)
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 1k
0.01
%
Differential Phase, (Note 8)
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 1k
0.01
Deg
Differential Gain, (Note 8)
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 150Ω
0.04
%
Differential Phase, (Note 8)
VS = ±15V, RF = 750Ω, RG= 750Ω, RL = 150Ω
0.1
Deg
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required depending on the power supply
voltage and how many amplifiers are shorted.
Note 3: The power tests done on
±15V supplies are done on only one
amplifier at a time to prevent excessive junction temperatures when testing
at maximum operating temperature.
Note 4: The supply current of the LT1229/LT1230 has a negative
temperature coefficient. For more information see the application
information section.
Note 5: Slew rate is measured at
±5V on a ±10V output signal while
operating on
±15V supplies with RF = 1k, RG = 110Ω and RL = 400Ω. The
slew rate is much higher when the input is overdriven and when the
amplifier is operated inverting, see the applications section.
Note 6: Rise time is measured from 10% to 90% on a
±500mV output
signal while operating on
±15V supplies with RF = 1k, RG = 110Ω and RL =
100
Ω. This condition is not the fastest possible, however, it does
guarantee the internal capacitances are correct and it makes automatic
testing practical.
Note 7: AC parameters are 100% tested on the ceramic and plastic DIP
packaged parts (J and N suffix) and are sample tested on every lot of the
SO packaged parts (S suffix).
Note 8: NTSC composite video with an output level of 2VP.
ELECTRICAL C
C
HARA TERISTICS


Similar Part No. - LT1229_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1229C LINER-LT1229C Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229CJ8 LINER-LT1229CJ8 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229CN8 LINER-LT1229CN8 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229CS8 LINER-LT1229CS8 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229M LINER-LT1229M Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
More results

Similar Description - LT1229_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Linear Technology
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com