Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1230 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1230
Description  Dual and Quad 100MHz Current Feedback Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1230 Datasheet(HTML) 3 Page - Linear Technology

  LT1230_15 Datasheet HTML 1Page - Linear Technology LT1230_15 Datasheet HTML 2Page - Linear Technology LT1230_15 Datasheet HTML 3Page - Linear Technology LT1230_15 Datasheet HTML 4Page - Linear Technology LT1230_15 Datasheet HTML 5Page - Linear Technology LT1230_15 Datasheet HTML 6Page - Linear Technology LT1230_15 Datasheet HTML 7Page - Linear Technology LT1230_15 Datasheet HTML 8Page - Linear Technology LT1230_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1229/LT1230
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C
±3
±10
mV
q
±15
mV
Input Offset Voltage Drift
q
10
µV/°C
IIN+
Noninverting Input Current
TA = 25°C
±0.3
±3
µA
q
±10
µA
IIN–
Inverting Input Current
TA = 25°C
±10
±50
µA
q
±100
µA
en
Input Noise Voltage Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 0Ω
3.2
nV/
√Hz
+in
Noninverting Input Noise Current Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 10k
1.4
pA/
√Hz
–in
Inverting Input Noise Current Density
f = 1kHz
32
pA/
√Hz
RIN
Input Resistance
VIN = ±13V, VS = ±15V
q
225
M
VIN = ±3V, VS = ±5V
q
225
M
CIN
Input Capacitance
3pF
Input Voltage Range
VS = ±15V, TA = 25°C
±13
±13.5
V
q
±12
V
VS = ±5V, TA = 25°C
±3
±3.5
V
q
±2V
CMRR
Common Mode Rejection Ratio
VS = ±15V, VCM = ±13V, TA = 25°C55
69
dB
VS = ±15V, VCM = ±12V
q
55
dB
VS = ±5V, VCM = ±3V, TA = 25°C55
69
dB
VS = ±5V, VCM = ±2V
q
55
dB
Inverting Input Current
VS = ±15V, VCM = ±13V, TA = 25°C
2.5
10
µA/V
Common Mode Rejection
VS = ±15V, VCM = ±12V
q
10
µA/V
VS = ±5V, VCM = ±3V, TA = 25°C
2.5
10
µA/V
VS = ±5V, VCM = ±2V
q
10
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±15V, TA = 25°C60
80
dB
VS = ±3V to ±15V
q
60
dB
Noninverting Input Current
VS = ±2V to ±15V, TA = 25°C10
50
nA/V
Power Supply Rejection
VS = ±3V to ±15V
q
50
nA/V
Inverting Input Current
VS = ±2V to ±15V, TA = 25°C
0.1
5
µA/V
Power Supply Rejection
VS = ±3V to ±15V
q
5
µA/V
ELECTRICAL C
C
HARA TERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Each Amplifier, VCM = 0V, ±5V ≤ VS = ±15V, pulse tested unless
otherwise noted.


Similar Part No. - LT1230_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1230C LINER-LT1230C Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1230CJ LINER-LT1230CJ Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1230CN LINER-LT1230CN Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1230CS LINER-LT1230CS Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1230M LINER-LT1230M Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
More results

Similar Description - LT1230_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Linear Technology
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com