Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1317B Datasheet(PDF) 4 Page - Linear Technology

Part # LT1317B
Description  Micropower, 600kHz PWM DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317B Datasheet(HTML) 4 Page - Linear Technology

  LT1317B Datasheet HTML 1Page - Linear Technology LT1317B Datasheet HTML 2Page - Linear Technology LT1317B Datasheet HTML 3Page - Linear Technology LT1317B Datasheet HTML 4Page - Linear Technology LT1317B Datasheet HTML 5Page - Linear Technology LT1317B Datasheet HTML 6Page - Linear Technology LT1317B Datasheet HTML 7Page - Linear Technology LT1317B Datasheet HTML 8Page - Linear Technology LT1317B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1317/LT1317B
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE
0
700
650
600
550
500
24
6
8
1317 TPC01
10
12
25
°C
–40
°C
85
°C
Oscillator Frequency
DUTY CYCLE (%)
0
20406080
100
1317 TPC02
800
600
400
200
0
VIN = 2V
L = 10
µH
Burst Mode Current Limit (LT1317)
Switch Current Limit,
Duty Cycle = 30%
SWITCH CURRENT (A)
0
0.2
0.4
0.6
0.8
1
1317 TPC06
700
600
500
400
300
200
100
0
25
°C
–40
°C
85
°C
Switch Voltage Drop (VCESAT)
TEMPERATURE (
°C)
–50
0
50
–25
25
75
100
1317 TPC05
6
5
4
3
2
1
0
LBI Input Bias Current
Switch Current Limit
TEMPERATURE (
°C)
–50
–25
1317 TPC09
110
100
90
80
70
60
50
40
30
0
255075
100
Quiescent Current, SHDN = 2V
TEMPERATURE (
°C)
–50
1.25
1.24
1.23
1.22
1.21
1.20
–25
0
25
50
1317 TPC07
75
100
Feedback Voltage
TEMPERATURE (
°C)
–50
1317 TPC08
203
202
201
200
199
198
197
196
195
–25
0
25
50
75
100
LBI Reference Voltage
TEMPERATURE (
°C)
–50
1000
900
800
700
600
500
–25
0
25
50
1317 TPC03
75
100
DUTY CYCLE (%)
0
1200
1000
800
600
400
200
20
40
60
80
1317 TPC04
100
MINIMUM (25
°C)
TYPICAL


Similar Part No. - LT1317B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1317B LINER-LT1317B Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317B LINER-LT1317B Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
LT1317BCMS8 LINER-LT1317BCMS8 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317BCS8 LINER-LT1317BCS8 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317BIS8 LINER-LT1317BIS8 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
More results

Similar Description - LT1317B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317 LINER-LT1317_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1307B LINER-LT1307B_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_1 Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
logo
Unisonic Technologies
UC2306 UTC-UC2306_15 Datasheet
511Kb / 12P
   MICROPOWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com