Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD160061A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PD160061A
Description  384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD160061A Datasheet(HTML) 3 Page - Renesas Technology Corp

  PD160061A_15 Datasheet HTML 1Page - Renesas Technology Corp PD160061A_15 Datasheet HTML 2Page - Renesas Technology Corp PD160061A_15 Datasheet HTML 3Page - Renesas Technology Corp PD160061A_15 Datasheet HTML 4Page - Renesas Technology Corp PD160061A_15 Datasheet HTML 5Page - Renesas Technology Corp PD160061A_15 Datasheet HTML 6Page - Renesas Technology Corp PD160061A_15 Datasheet HTML 7Page - Renesas Technology Corp PD160061A_15 Datasheet HTML 8Page - Renesas Technology Corp PD160061A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
2003
MOS INTEGRATED CIRCUIT
µPD160061A
384-OUTPUT TFT-LCD SOURCE DRIVER
(COMPATIBLE WITH 64-GRAY SCALES)
DATA SHEET
Document No. S16041EJ2V0DS00 (2nd edition)
Date Published July 2003 NS CP (K)
Printed in Japan
DESCRIPTION
The
µPD160061A is a source driver for TFT-LCDs capable of dealing with displays with 64-gray scales. Data input is
based on digital input configured as 6 bits by 6 dots (2 pixels), which can realize a full-color display of 260,000 colors by
output of 64 values
γ -corrected by an internal D/A converter and 5-by-2 external power modules. Because the output
dynamic range is as large as VSS2 + 0.2 V to VDD2 – 0.2 V, level inversion operation of the LCD’s common electrode is
rendered unnecessary. Also, to be able to deal with dot-line inversion, n-line inversion and column line inversion when
mounted on a single side, this source driver is equipped with a built-in 6-bit D/A converter circuit whose odd output pins
and even output pins respectively output gray scale voltages of differing polarity. Assuring a maximum clock frequency of
65 MHz when driving at 2.7 V, this driver is applicable to XGA-standard TFT-LCD panels and SXGA TFT-LCD panels.
FEATURES
• CMOS level input (2.3 to 3.6 V)
• 384 outputs
• Input of 6 bits (gray-scale data) by 6 dots
• Capable of outputting 64 values by means of 5-by-2 external power modules (10 units) and a D/A converter (R-DAC)
• Logic power supply voltage (VDD1): 2.3 to 3.6 V
• Driver power supply voltage (VDD2): 7.5 to 9.5 V
• High-speed data transfer: fCLK = 65 MHz MAX. (internal data transfer speed when operating at VDD1 = 2.7 V)
40 MHz MAX. (internal data transfer speed when operating at VDD1 = 2.3 V)
• Output dynamic range: VSS2 + 0.2 V to VDD2 – 0.2 V
• Apply for dot-line inversion, n-line inversion and column line inversion
• Output voltage polarity inversion function (POL)
• Input data inversion function (capable of controlling by each input port) (POL21, POL22)
• Apply for heavy load, light load
• Semi slim-chip shaped
ORDERING INFORMATION
Part Number
Package
µPD160061AN-xxx
TCP (TAB package)
µPD160061ANL-xxx
COF (COF package)
Remark The TCP’s external shape is customized. To order the required shape, so please contact one of our sales
representatives.
The mark
★ shows major revised points.


Similar Part No. - PD160061A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD160061 RENESAS-PD160061_15 Datasheet
363Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results

Similar Description - PD160061A_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16715A RENESAS-PD16715A_15 Datasheet
253Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER(COMPATIBLE WITH 64-GRAY SCALES)
PD160061 RENESAS-PD160061_15 Datasheet
363Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16647 RENESAS-PD16647_15 Datasheet
241Kb / 18P
   402/384-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD16754 RENESAS-PD16754_15 Datasheet
272Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD16753 RENESAS-PD16753_15 Datasheet
279Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com