Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD160088 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PD160088
Description  480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD160088 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PD160088_15 Datasheet HTML 4Page - Renesas Technology Corp PD160088_15 Datasheet HTML 5Page - Renesas Technology Corp PD160088_15 Datasheet HTML 6Page - Renesas Technology Corp PD160088_15 Datasheet HTML 7Page - Renesas Technology Corp PD160088_15 Datasheet HTML 8Page - Renesas Technology Corp PD160088_15 Datasheet HTML 9Page - Renesas Technology Corp PD160088_15 Datasheet HTML 10Page - Renesas Technology Corp PD160088_15 Datasheet HTML 11Page - Renesas Technology Corp PD160088_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet S16771EJ1V0DS
6
µPD160088
4. RELATIONSHIP BETWEEN INPUT DATA AND OUTPUT VOLTAGE VALUE
This product incorporates a 8-bit D/A converter whose odd output pins and even output pins output respectively gray
scale voltages of differing polarity with respect to the LCD’s counter electrode (common electrode) voltage.
The D/A
converter consists of ladder resistors and switches.
The ladder resistors (r0 to r255) are designed so that the ratio of LCD panel
γ -compensated voltages to V0’-V255’ and
V0”-V255” is almost equivalent.
For the 2 sets of 9
γ - compensated power supplies, V0-V8 and V9-V17, respectively, input
gray scale voltages of the same polarity with respect to the common voltage.
Figure 4
−1 shows the relationship between the driving voltages such as liquid-crystal driving voltages VDD2 and VSS2,
common electrode potential VCOM, and
γ - corrected voltages V0-V17 and the input data. Be sure to maintain the voltage
relationships of
VDD2 – 0.1 V
≥ V0 > V1 > V2 > V3 > V4 > V5 > V6 > V7 > V8 ≥ 0.5 VDD2
0.5 VDD2
≥ V9 > V10 > V11 > V12 > V13 > V14 > V15 > V16 > V17 ≥ VSS2 + 0.1 V
Figures 4
−2 shows
γ - corrected voltages and ladder resistors ratio and Figure 4−3 shows relationship between the input
data and the output voltage.
Figure 4
−1. Relationship between Input Data and
γ - corrected Power Supply
V1
V2
V3
V4
VSS2
00
40
20
80
C0
E0
FF
1
2
1
2
31
31
32
32
64
64
64
64
30
30
32
32
V0
V8
VDD2
V9
0.1 V
0.1 V
Input data (HEX.)
0.5 VDD2
V5
V7
V6
Split interval
01
FE
V12
V11
V10
V13
V14
V15
V16
V17


Similar Part No. - PD160088_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD160061 RENESAS-PD160061_15 Datasheet
363Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD160062 RENESAS-PD160062_15 Datasheet
352Kb / 21P
   420-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALE)
More results

Similar Description - PD160088_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16754 RENESAS-PD16754_15 Datasheet
272Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD16753 RENESAS-PD16753_15 Datasheet
279Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
logo
NEC
UPD16772A NEC-UPD16772A Datasheet
122Kb / 5P
   480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16772A RENESAS-PD16772A_15 Datasheet
256Kb / 22P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16772 NEC-UPD16772 Datasheet
121Kb / 5P
   480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16750 NEC-UPD16750 Datasheet
188Kb / 9P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 256-GRAY SCALES
logo
Renesas Technology Corp
PD16721 RENESAS-PD16721_15 Datasheet
336Kb / 30P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
S16815EJ1V0DS00 RENESAS-S16815EJ1V0DS00_15 Datasheet
494Kb / 28P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256 GRAY SCALES, mini-LVDS INTERFACE SUPPORTED)
PD16724 RENESAS-PD16724_15 Datasheet
300Kb / 26P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com