Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1358 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1358
Description  Dual and Quad 25MHz, 600V/s Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1358 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1358_15 Datasheet HTML 2Page - Linear Technology LT1358_15 Datasheet HTML 3Page - Linear Technology LT1358_15 Datasheet HTML 4Page - Linear Technology LT1358_15 Datasheet HTML 5Page - Linear Technology LT1358_15 Datasheet HTML 6Page - Linear Technology LT1358_15 Datasheet HTML 7Page - Linear Technology LT1358_15 Datasheet HTML 8Page - Linear Technology LT1358_15 Datasheet HTML 9Page - Linear Technology LT1358_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1358/LT1359
135859fb
SUPPLY VOLTAGE (
±V)
3.0
2.5
2.0
1.5
1.0
0.5
10
5
015
20
135859 G01
–55
°C
25
°C
125
°C
SUPPLY VOLTAGE (
±V)
V
2.0
0.5
1.0
1.5
V +
–1.0
– 0.5
–2.0
–1.5
10
5
015
20
135859 G02
TA = 25°C
∆VOS < 1mV
INPUT COMMON MODE VOLTAGE (V)
–200
0
–100
400
300
200
100
–15
–10
0
10
15
5
–5
135859 G03
VS = ±15V
TA = 25°C
IB =
IB
+ + I
B
————
2
TEMPERATURE (
°C)
0
150
100
50
450
400
300
350
200
250
– 50
–25
25
100
125
50
75
0
VS = ±15V
IB =
⏐ ⏐
IB
+ + I
B
————
2
135859 G04
FREQUENCY (Hz)
10
1
10
100
0.1
1
10
en
1k
100
100k
10k
135859 G05
VS = ±15V
TA = 25°C
AV = 101
RS = 100k
in
LOAD RESISTANCE (
Ω)
10
50
60
100
100
10k
135859 G06
80
70
1k
90
VS = ±5V
VS = ±15V
TA = 25°C
TEMPERATURE (
°C)
93
95
94
101
100
99
98
97
96
– 50
–25
25
100
125
50
75
0
VS = ±15V
RL = 1k
VO = ±12V
135859 G07
SUPPLY VOLTAGE (
±V)
V
1
2
3
V +
–1
–3
–2
10
5
015
20
135859 G08
RL = 1k
RL = 500Ω
RL = 500Ω
TA = 25°C
RL = 1k
OUTPUT CURRENT (mA)
V –+0.5
1.5
2.0
1.0
–0.5
V +
–1.0
–1.5
–2.0
2.5
–2.5
– 50 – 40
–10
30 40
50
010 20
–20
–30
135859 G09
VS = ±5V
VIN = 100mV
85
°C
85
°C
25
°C
25
°C
–40
°C
–40
°C
Open-Loop Gain vs Temperature
Input Noise Spectral Density
Input Bias Current vs
Temperature
Open-Loop Gain vs
Resistive Load
Output Voltage Swing vs
Supply Voltage
Output Voltage Swing vs
Load Current
Input Common Mode Range vs
Supply Voltage
Supply Current vs Supply Voltage
and Temperature
Input Bias Current vs
Input Common Mode Voltage
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1358_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1358CN8 LINER-LT1358CN8 Datasheet
259Kb / 12P
   Dual and Quad 25MHz, 600V/us Op Amps
LT1358CS8 LINER-LT1358CS8 Datasheet
259Kb / 12P
   Dual and Quad 25MHz, 600V/us Op Amps
More results

Similar Description - LT1358_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1359CS14 LINEAR-LT1359CS14 Datasheet
453Kb / 16P
   Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1359 LINER-LT1359_15 Datasheet
483Kb / 16P
   Dual and Quad 25MHz, 600V/s Op Amps
LT1358 LINER-LT1358 Datasheet
259Kb / 12P
   Dual and Quad 25MHz, 600V/us Op Amps
LT1357 LINER-LT1357_15 Datasheet
261Kb / 12P
   25MHz, 600V/s Op Amp
LT1362 LINER-LT1362_15 Datasheet
235Kb / 12P
   Dual and Quad 50MHz, 800V/s Op Amps
LT1355 LINER-LT1355_15 Datasheet
681Kb / 16P
   Dual and Quad 12MHz, 400V/s Op Amps
LT1208 LINER-LT1208_15 Datasheet
276Kb / 12P
   Dual and Quad 45MHz, 400V/s Op Amps
LT1209 LINER-LT1209_15 Datasheet
276Kb / 12P
   Dual and Quad 45MHz, 400V/s Op Amps
LT1364 LINER-LT1364_15 Datasheet
229Kb / 12P
   Dual and Quad 70MHz, 1000V/s Op Amps
LT1365 LINER-LT1365_15 Datasheet
229Kb / 12P
   Dual and Quad 70MHz, 1000V/s Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com