Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD178004A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PD178004A
Description  PD178004A_15
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD178004A Datasheet(HTML) 4 Page - Renesas Technology Corp

  PD178004A_15 Datasheet HTML 1Page - Renesas Technology Corp PD178004A_15 Datasheet HTML 2Page - Renesas Technology Corp PD178004A_15 Datasheet HTML 3Page - Renesas Technology Corp PD178004A_15 Datasheet HTML 4Page - Renesas Technology Corp PD178004A_15 Datasheet HTML 5Page - Renesas Technology Corp PD178004A_15 Datasheet HTML 6Page - Renesas Technology Corp PD178004A_15 Datasheet HTML 7Page - Renesas Technology Corp PD178004A_15 Datasheet HTML 8Page - Renesas Technology Corp PD178004A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
µPD178004A, 178006A, 178016A, 178018A
2
APPLICATIONS
Car stereo, home stereo systems.
ORDERING INFORMATION
Part Number
Package
µPD178004AGC-×××-3B9
80-pin plastic QFP (14
× 14 mm, 0.65-mm pitch)
µPD178006AGC-×××-3B9
80-pin plastic QFP (14
× 14 mm, 0.65-mm pitch)
µPD178016AGC-×××-3B9
80-pin plastic QFP (14
× 14 mm, 0.65-mm pitch)
µPD178018AGC-×××-3B9
80-pin plastic QFP (14
× 14 mm, 0.65-mm pitch)
Remark
××× denotes the ROM code number. Also, the ROM code number becomes E×× when the I2C bus is used.
µPD178018A SUBSERIES AND µPD178003 SUBSERIES EXPANSION
Note
Under development
PD178018A Subseries
80 pins
PROM : 60 KB
RAM : 3 KB
PD178P018A Note
80 pins
ROM : 60 KB
RAM : 3 KB
PD178018A
80 pins
ROM : 48 KB
RAM : 3 KB
PD178016A
80 pins
ROM : 48 KB
RAM : 1 KB
PD178006A
80 pins
ROM : 32 KB
RAM : 1 KB
PD178004A
µ
µ
µ
µ
µ
µ
PD178003 Subseries
80 pins
ROM : 24 KB
RAM : 0.5 KB
PD178003 Note
80 pins
ROM : 16 KB
RAM : 0.5 KB
PD178002 Note
µ
µ
µ


Similar Part No. - PD178004A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD178002 RENESAS-PD178002_15 Datasheet
359Kb / 50P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com