Electronic Components Datasheet Search |
|
LT1495 Datasheet(PDF) 7 Page - Linear Technology |
|
LT1495 Datasheet(HTML) 7 Page - Linear Technology |
7 / 16 page 7 LT1494/LT1495/LT1496 LT1494H/LT1495H/LT1496H SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOS Input Offset Voltage q 275 1100 µV IB Input Bias Current q 3.8 10 nA IOS Input Offset Current q 0.3 2 nA AVOL Large-Signal Voltage Gain VO = ±10V, RL = 100k q 21 70 V/mV Input Voltage Range q –14.5 21 V CMRR Common Mode Rejection Ratio VCM = –14.5V to 14V q 69 90 dB PSRR Power Supply Rejection Ratio VS = ±5V to ±15V q 89 115 dB VOL Output Voltage Swing LOW RL = 1M q –14.80 –14.4 V RL = 100k q –14.69 –14.2 V VOH Output Voltage Swing HIGH RL = 1M q 14.5 14.85 V RL = 100k q 14.3 14.73 V IS Supply Current per Amplifier q 36 µA ELECTRICAL CHARACTERISTICS –40 °C to 85°C but are not tested or QA sampled at these temperatures. The LT1494I/LT1495I/LT1496I are guaranteed to meet specified performance from –40 °C to 85°C. The LT1494H/LT1495H/LT1496H are guaranteed to meet specified performance from –40 °C to 125°C. Note 4: This parameter is not 100% tested. Note 5: VS = 5V limits are guaranteed by correlation to VS = 3V and VS = ±15V tests. Note 6: VS = 3V limits are guaranteed by correlation to VS = 5V and VS = ±15V tests. Note 1: Absolute Maximum Ratings are those values beyond which the life of the device may be impaired. Note 2: The LT1494C/LT1495C/LT1496C and LT1494I/LT1495I/LT1496I are guaranteed functional over the operating temperature range of – 40 °C to 85 °C. The LT1494H/LT1495H/LT1496H are guaranteed functional over the operating temperature range of –40 °C to 125°C. Note 3: The LT1494C/LT1495C/LT1496C are guaranteed to meet specified performance from 0 °C to 70°C. The LT1494C/LT1495C/LT1496C are designed, characterized and expected to meet specified performance from TYPICAL PERFORMANCE CHARACTERISTICS INPUT OFFSET VOLTAGE ( µV) –400 0 2 6 8 10 20 14 –200 0 100 1495 G01 4 16 18 12 –300 –100 200 300 400 VS = 5V, 0V LT1494/LT1495/ LT1496 5700 OP AMPS Distribution of Input Offset Voltage TOTAL SUPPLY VOLTAGE (V) 1 100 150 200 5 1495 G03 50 –50 0 2 3 4 TA = 85°C TA = –40°C TA = 25°C TEMPERATURE ( °C) –40 – 20 0 1.0 2.5 0 40 60 1495 G02 0.5 2.0 1.5 20 80 100 VS = ±15V VS = ±2.5V Supply Current vs Temperature Minimum Supply Voltage The q denotes the specifications which apply over the temperature range of –40 °C ≤ TA ≤ 125°C. VS = ±15V, VCM = VO = half supply, unless otherwise noted. (Note 3) |
Similar Part No. - LT1495_15 |
|
Similar Description - LT1495_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |