Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-AC1Z20 Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-AC1Z20
Description  20mm Circle single color LED light bar display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-AC1Z20 Datasheet(HTML) 5 Page - BetLux Electronics

  BL-AC1Z20 Datasheet HTML 1Page - BetLux Electronics BL-AC1Z20 Datasheet HTML 2Page - BetLux Electronics BL-AC1Z20 Datasheet HTML 3Page - BetLux Electronics BL-AC1Z20 Datasheet HTML 4Page - BetLux Electronics BL-AC1Z20 Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED BARGRAPH DISPLAY
BL-AC1Z20X- XX
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 5 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
3g/pcs
Maximum
117pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-AC1Z20

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AC1Z10 BETLUX-BL-AC1Z10 Datasheet
207Kb / 4P
   10mm Circle single color LED light bar display series
BL-AC1Z182 BETLUX-BL-AC1Z182 Datasheet
324Kb / 5P
   18mm Circle single color LED light bar display series
BL-AC1Z184 BETLUX-BL-AC1Z184 Datasheet
265Kb / 5P
   18mm Circle single color LED light bar display series
logo
List of Unclassifed Man...
BL-AC1Z18D2-XX ETC2-BL-AC1Z18D2-XX Datasheet
85Kb / 4P
   LED BARGRAPH DISPLAY
logo
BetLux Electronics
BL-AC1Z18D4-01 BETLUX-BL-AC1Z18D4-01 Datasheet
69Kb / 4P
   LED BARGRAPH DISPLAY
More results

Similar Description - BL-AC1Z20

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AC1Z184 BETLUX-BL-AC1Z184 Datasheet
265Kb / 5P
   18mm Circle single color LED light bar display series
BL-AC1Z10 BETLUX-BL-AC1Z10 Datasheet
207Kb / 4P
   10mm Circle single color LED light bar display series
BL-AC1Z182 BETLUX-BL-AC1Z182 Datasheet
324Kb / 5P
   18mm Circle single color LED light bar display series
logo
LIGITEK electronics co....
LBD511SGL-XX-PF LIGITEK-LBD511SGL-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD511SGM-XX-PF LIGITEK-LBD511SGM-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD2414-XX-PF LIGITEK-LBD2414-XX-PF Datasheet
151Kb / 8P
   LIGHT BAR LED DISPLAY
LBD5113-XX-PF LIGITEK-LBD5113-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD7515-XX-PF LIGITEK-LBD7515-XX-PF Datasheet
121Kb / 8P
   LIGHT BAR LED DISPLAY
LBD801-29-XX LIGITEK-LBD801-29-XX Datasheet
148Kb / 8P
   LIGHT BAR LED DISPLAY
LBD2014-XX LIGITEK-LBD2014-XX Datasheet
109Kb / 7P
   LIGHT BAR LED DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com