Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P022-015 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P022-015
Description  Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R) 15-ft.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P022-015 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P022-015 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P022-015 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P022-015 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved P022-015 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PHYSICAL
Color
Black
Style
Power cables
CONNECTIONS
Connector A
NEMA 5-15P
Connector B
NEMA 5-15R
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
P022-001
1-ft. 18AWG Power Extension cord
(NEMA 5-15R to NEMA 5-15P)
1
P022-001-2
1-ft. 18AWG Power Y cord
(NEMA 5-15P to 2xNEMA 5-15R)
1
P022-025
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R) 25-ft.
1
P023-001
1-ft. 14AWG Power Adapter cord
(NEMA L5-15R to NEMA 5-15P)
1
P006-003
3-ft. 18AWG Power cord
(NEMA 5-15P to IEC-320-C13)
1
P006-004
4-ft. 18AWG Power cord
(NEMA 5-15P to IEC-320-C13)
1
P006-006
6-ft. 18AWG Power cord
(NEMA 5-15P to IEC-320-C13)
1
P006-006-13LA
6-ft. 18AWG Power cord
(NEMA 5-15P to IEC-320-C13 Left Angle)
1
P006-006-13RA
6-ft. 18AWG Power cord
(NEMA 5-15P to IEC-320-C13 Right Angle)
1
P006-006-2
6-ft. AC Power Splitter Cable
(NEMA 5-15P to 2 x IEC-320-C13)
1
P006-010
Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13) 10-ft.
1
2 / 3


Similar Part No. - P022-015

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P022-015-15D TRIPPLITE-P022-015-15D Datasheet
172Kb / 3P
   Power Extension Cord, Right-Angle NEMA 5-15P to NEMA 5-15R - 10A, 120V, 18 AWG, 15 ft. (4.57 m), Black
More results

Similar Description - P022-015

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P022015 TRIPPLITE-P022015 Datasheet
487Kb / 2P
   Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 15-ft
P022025 TRIPPLITE-P022025 Datasheet
487Kb / 2P
   Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 25-ft
P022001 TRIPPLITE-P022001 Datasheet
469Kb / 2P
   Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 1-ft
P0220012 TRIPPLITE-P0220012 Datasheet
477Kb / 2P
   Standard Power Extension Cord Y Splitter Cable, 10A, 18AWG (NEMA 5-15P to 2x NEMA 5-15R), 1-ft
P024-015-13A TRIPPLITE-P024-015-13A Datasheet
497Kb / 2P
   Standard Power Extension Cord, 13A, 16 AWG (NEMA 5-15P to NEMA 5-15R), 15 ft.
P02401013A TRIPPLITE-P02401013A Datasheet
497Kb / 2P
   Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 10-ft
P02400313A TRIPPLITE-P02400313A Datasheet
497Kb / 2P
   Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 3-ft
P02400613A TRIPPLITE-P02400613A Datasheet
498Kb / 2P
   Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 6-ft
P02400113A TRIPPLITE-P02400113A Datasheet
497Kb / 2P
   Standard Power Extension Cord, 13A, 16AWG (NEMA 5-15P to NEMA 5-15R), 1-ft
P024-015 TRIPPLITE-P024-015 Datasheet
497Kb / 2P
   Heavy-Duty Power Extension Cord, 15A, 14 AWG (NEMA 5-15P to NEMA 5-15R), 15 ft.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com