Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1713 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1713
Description  Single/Dual, 7ns, Low Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1713 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1713_15 Datasheet HTML 5Page - Linear Technology LT1713_15 Datasheet HTML 6Page - Linear Technology LT1713_15 Datasheet HTML 7Page - Linear Technology LT1713_15 Datasheet HTML 8Page - Linear Technology LT1713_15 Datasheet HTML 9Page - Linear Technology LT1713_15 Datasheet HTML 10Page - Linear Technology LT1713_15 Datasheet HTML 11Page - Linear Technology LT1713_15 Datasheet HTML 12Page - Linear Technology LT1713_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1713/LT1714
APPLICATIO S I FOR ATIO
Poor trace routes and high source impedances are also
common sources of problems. Keep trace lengths as
short as possible and avoid running any output trace
adjacent to an input trace to prevent unnecessary cou-
pling. If output traces are longer than a few inches,
provide proper termination impedances (typically 100
to 400
Ω) to eliminate any reflections that may occur. Also
keep source impedances as low as possible, preferably
much less than 1k
Ω.
The input and output traces should also be isolated from
one another. Power supply traces can be used to achieve
this isolation as shown in Figure 1, a typical topside layout
of the LT1713/LT1714 on a multilayer PC board. Shown is
the topside metal etch including traces, pin escape vias and
the land pads for a GN16 LT1713/LT1714 and its adjacent
X7R 0805 bypass capacitors. The V+, Vand GND traces
all shield the inputs from the outputs. Although the two V
pins are connected internally, they should be shorted to-
gether externally as well in order for both to function as
shields. The same is true for the two V+ pins. The two GND
pins are not connected internally, but in most applications
they are both connected directly to the ground plane.
1714 F01
Figure 1. Typical LT1714 Topside Metal for Multilayer PCB Layout


Similar Part No. - LT1713_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1713CMS8 LINER-LT1713CMS8 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1713IMS8 LINER-LT1713IMS8 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
More results

Similar Description - LT1713_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1714 LINER-LT1714_15 Datasheet
238Kb / 16P
   Single/Dual, 7ns, Low Power
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394_15 Datasheet
228Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX9203 MAXIM-MAX9203 Datasheet
408Kb / 8P
   Low-Cost, 7ns, Low-Power Voltage Comparators
Rev 1; 1/05
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Linear Technology
LTC5564 LINER-LTC5564_15 Datasheet
469Kb / 16P
   UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Analog Devices
OP-221 AD-OP-221 Datasheet
362Kb / 8P
   DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com