Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L522UEC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L522UEC
Description  5mm Round-Helmet Type LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L522UEC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L522UEC Datasheet HTML 1Page - BetLux Electronics BL-L522UEC Datasheet HTML 2Page - BetLux Electronics BL-L522UEC Datasheet HTML 3Page - BetLux Electronics BL-L522UEC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bullet Type LED lamp
BL-L522
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
5mm Round-Helmet Type LED Lamp
Ø
Ultra brightness.
Ø
Choice of various viewing angles.
Ø
Diffused, Transparent and Water clear lens are available.
Ø
IC compatible /Low current capability.
Ø
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
P
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2¦È1/2
(deg)
BL-L522SRC
Hi Red
AlGa As,SH
660
1.85
2.20
150
350
BL-L522LRC
Super Red
AlGa As,DH
660
1.85
2.20
350
900
BL-L522URC
Ultra Red
AlGa As,DDH
660
1.95
2.20
900
1500
BL-L522UEC
Ultra Orange
AlGaInP
630
2.10
2.50
1000
2500
BL-L522UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
1000
2200
BL-L522UGC
Ultra Green
AlGaInP
574
2.20
2.50
400
1000
BL-L522PGC
Ultra Pure Green
InGaN
525
3.80
4.50
3000
6000
BL-L522BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
2000
5000
BL-L522BC
Blue
InGaN
430
3.80
4.50
1200
3000
BL-L522UBC
Ultra Blue
InGaN
470
2.70
4.20
2200
6000
BL-L522VC
UV
InGaN
405
3.80
4.50
100
180
BL-L522UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
5000
15000
15
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Ma x.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-L522UEC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L522UEC BETLUX-BL-L522UEC Datasheet
72Kb / 3P
   Bullet Type LED lamp
More results

Similar Description - BL-L522UEC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L524 BETLUX-BL-L524 Datasheet
557Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L523 BETLUX-BL-L523 Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L102SRC BETLUX-BL-L102SRC Datasheet
73Kb / 3P
   Round Helmet Type LED lamp
logo
Lucky Light Electronic
GB-353 LUCKY-LIGHT-GB-353 Datasheet
42Kb / 1P
   Round-Helmet Type LED Lamps (5mm)
logo
BetLux Electronics
BL-L48 BETLUX-BL-L48 Datasheet
193Kb / 4P
   4.8mm Round-Helmet Type LED Lamp
logo
Lucky Light Electronic
GB-343 LUCKY-LIGHT-GB-343 Datasheet
42Kb / 1P
   Round-Helmet Type LED Lamps (5mm)
logo
BetLux Electronics
BL-L513 BETLUX-BL-L513 Datasheet
234Kb / 4P
   5mm Round Type LED lamp
BL-L502 BETLUX-BL-L502 Datasheet
230Kb / 4P
   5mm Round Type LED lamp
BL-L512 BETLUX-BL-L512 Datasheet
234Kb / 4P
   5mm Round Type LED lamp
logo
Kingbright Corporation
WP9294ZGC-G KINGBRIGHT-WP9294ZGC-G_15 Datasheet
325Kb / 6P
   5mm ROUND LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com