Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3466 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3466
Description  Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3466 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3466_15 Datasheet HTML 7Page - Linear Technology LT3466_15 Datasheet HTML 8Page - Linear Technology LT3466_15 Datasheet HTML 9Page - Linear Technology LT3466_15 Datasheet HTML 10Page - Linear Technology LT3466_15 Datasheet HTML 11Page - Linear Technology LT3466_15 Datasheet HTML 12Page - Linear Technology LT3466_15 Datasheet HTML 13Page - Linear Technology LT3466_15 Datasheet HTML 14Page - Linear Technology LT3466_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT3466
3466fa
APPLICATIO S I FOR ATIO
INDUCTOR SELECTION
The choice of the inductor will depend on the selection of
the switching frequency of the LT3466. The switching
frequency can be programmed from 200kHz to 2MHz.
Higher switching frequency allows the use of smaller
inductors albeit at the cost of increased switching losses.
The inductor current ripple (
∆IL), neglecting the drop
across the Schottky diode and the switch, is given by :
∆ =
()
I
VV
V
Vf L
L
IN MIN
OUT MAX
IN MIN
OUT MAX
()
(
)
()
()
•–
••
where:
L = Inductor
f = Operating frequency
VIN(MIN) = Minimum input voltage
VOUT(MAX) = Maximum output voltage
The
∆IL is typically set to 20% to 40% of the maximum
inductor current.
The inductor should have a saturation current rating
greater than the peak inductor current required for the
application. Also, ensure that the inductor has a low DCR
(copper wire resistance) to minimize I2R power losses.
Recommended inductor values range from 10
µH to 68µH.
Several inductors that work well with the LT3466 are listed
in Table 1. Consult each manufacturer for more detailed
information and for their entire selection of related parts.
Table 1. Recommended Inductors
MAX
CURRENT
L
DCR
RATING
PART
(
µH)
(
Ω)
(mA)
VENDOR
LQH32CN100
10
0.44
300
Murata
LQH32CN150
15
0.58
300
(814) 237-1431
LQH43CN330
33
1.00
310
www.murata.com
ELL6RH330M
33
0.38
600
Panasonic
ELL6SH680M
68
0.52
500
(714) 373-7939
www.panasonic.com
A914BYW330M
33
0.45
440
Toko
A914BYW470M
47
0.73
360
www.toko.com
A920CY680M
68
0.40
400
CDRH2D18150NC
15
0.22
350
Sumida
CDRH4D18-330
33
0.51
310
(847) 956-0666
CDRH5D18-680
68
0.84
430
www.sumida.com
CAPACITOR SELECTION
The small size of ceramic capacitors make them ideal for
LT3466 applications. Use only X5R and X7R types be-
cause they retain their capacitance over wider voltage and
temperature ranges than other types such as Y5V or Z5U.
A 1
µF input capacitor is sufficient for most applications.
Always use a capacitor with sufficient voltage rating.
Table 2 shows a list of several ceramic capacitor manufac-
turers. Consult the manufacturers for detailed information
on their entire selection of ceramic parts.
Table 2. Ceramic Capacitor Manufacturers
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
INRUSH CURRENT
The LT3466 has built-in Schottky diodes. When supply
voltage is applied to the VIN pin, an inrush current flows
through the inductor and the Schottky diode and charges
up the output voltage. Both the Schottky diodes in the
LT3466 can sustain a maximum of 1A current. The selec-
tion of inductor and capacitor value should ensure the
peak of the inrush current to be below 1A.
For low DCR inductors, which is usually the case for this
application, the peak inrush current can be simplified as
follows:
I
V
L
where
LC
PK
IN
OUT
=
=
–.
:
06
1
ω
ω
Table 3 gives inrush peak current for some component
selections.


Similar Part No. - LT3466_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466-1 LINER-LT3466-1 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
LT3466-1 LINER-LT3466-1 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
More results

Similar Description - LT3466_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466 LINER-LT3466 Datasheet
324Kb / 20P
   Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
logo
Analog Intergrations Co...
AIC1648 AIC-AIC1648 Datasheet
375Kb / 10P
   Built-in OVP White LED Step-Up Converter
AIC3643 AIC-AIC3643 Datasheet
260Kb / 13P
   Built-in OVP White LED Step-Up Converter
logo
Holtek Semiconductor In...
HT7937 HOLTEK-HT7937_16 Datasheet
1Mb / 13P
   Built-in OVP White LED Step-up Converter
HT7937 HOLTEK-HT7937 Datasheet
827Kb / 13P
   Built-in OVP White LED Step-up Converter
logo
Linear Integrated Syste...
LT3497 LINEAR-LT3497 Datasheet
345Kb / 20P
   Dual Full Function White LED Driver with Integrated Schottky Diodes
logo
Linear Technology
LT3497 LINER-LT3497_15 Datasheet
351Kb / 20P
   Dual Full Function White LED Driver with Integrated Schottky Diodes
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
   Built-In OVP White LED Step-Up Converter in Tiny Package
logo
Linear Technology
LT3465AES6 LINER-LT3465AES6 Datasheet
375Kb / 12P
   1.2MHz/2.4MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com