Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3485-0 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3485-0
Description  Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3485-0 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3485-0 Datasheet HTML 7Page - Linear Technology LT3485-0 Datasheet HTML 8Page - Linear Technology LT3485-0 Datasheet HTML 9Page - Linear Technology LT3485-0 Datasheet HTML 10Page - Linear Technology LT3485-0 Datasheet HTML 11Page - Linear Technology LT3485-0 Datasheet HTML 12Page - Linear Technology LT3485-0 Datasheet HTML 13Page - Linear Technology LT3485-0 Datasheet HTML 14Page - Linear Technology LT3485-0 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3485-0/LT3485-1/
LT3485-2/LT3485-3
11
34850123fb
Note that the absolute maximum rating of the SW pin is
not exceeded. Make sure to check the SW voltage wave-
form with VOUT near the target output voltage, as this is the
worst case condition for SW voltage. Figure 4 shows the
various limits on the SW voltage during switch turn off.
It is important not to minimize the leakage inductance to
a very low level. Although this would result in a very low
leakage spike on the SW pin, the parasitic capacitance of
the transformer would become large. This will adversely
affect the charge time of the photoflash circuit.
Linear Technology has worked with several leading mag-
netic component manufacturers to produce pre-designed
flyback transformers for use with the LT3485-0/LT3485-
1/LT3485-2/LT3485-3. Table 2 shows the details of sev-
eral of these transformers.
Capacitor Selection
For the input bypass capacitors, high quality X5R or X7R
types should be used. Make sure the voltage capability of
the part is adequate.
Output Diode Selection
The rectifying diode(s) should be low capacitance type
with sufficient reverse voltage and forward current rat-
ings. The peak reverse voltage that the diode(s) will see is
approximately:
VV
N V
PK R
OUT
IN
=+ (•
)
APPLICATIO S I FOR ATIO
Table 2. Pre-Designed Transformers – Typical Specifications Unless Otherwise Noted
TRANSFORMER
SIZE
LPRI
LPRI-LEAKAGE
RPRI
RSEC
FOR USE WITH
NAME
(W
× L × H) mm
(
µH)
(nH)
N
(m
Ω)(Ω)
VENDOR
LT3485-0/LT3485-2
SBL-5.6-1
5.6
× 8.5 × 4.0
10
200 Max
10.2
103
26
Kijima Musen
LT3485-1
SBL-5.6S-1
5.6
× 8.5 × 3.0
24
400 Max
10.2
305
55
Hong Kong Office
852-2489-8266 (ph)
kijimahk@netvigator.com (email)
LT3485-0
LDT565630T-001
5.8
× 5.8 × 3.0
6
200 Max
10.4
100 Max
10 Max
TDK
LT3485-1
LDT565630T-002
5.8
× 5.8 × 3.0
14.5
500 Max
10.2
240 Max 16.5 Max
Chicago Sales Office
LT3485-2
LDT565630T-003
5.8
× 5.8 × 3.0
10.5
550 Max
10.2
210 Max
14 Max
(847) 803-6100 (ph)
LT3485-3
LDT565630T-041
5.8
× 5.8 × 3.0
4.7
150 Max
10.4
90 Max
6.4 Max
www.components.tdk.com
LT3485-0/LT3485-1
T-15-089
6.4
× 7.7 × 4.0
12
400 Max
10.2
211 Max
27 Max
Tokyo Coil Engineering
LT3485-1
T-15-083
8.0
× 8.9 × 2.0
20
500 Max
10.2
675 Max
35 Max
Japan Office
LT3485-3
T-17-109A
6.5
×7.9 × 4.0
5.9
300 Max
10.2
78 Max 18.61 Max
0426-56-6262 (ph)
www.tokyo-coil.co.jp
Figure 4. New Transformer Design Check (Not to Scale)
Figure 3. LT3485 SW Voltage Waveform
IPRI
1A/DIV
VSW
10A/DIV
VIN = 5V
VOUT = 320V
100ns/DIV
3485 F03
2
VSW
3485 F04
0V
“A”
“B”
MUST BE
LESS THAN 40V
MUST BE
LESS THAN 50V


Similar Part No. - LT3485-0

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485-0 LINER-LT3485-0 Datasheet
343Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
logo
Analog Devices
LT3485-0 AD-LT3485-0 Datasheet
1Mb / 16P
   Capacitor Charger Controller
More results

Similar Description - LT3485-0

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485-1 LINER-LT3485-1_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-0 LINER-LT3485-0 Datasheet
343Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-2 LINER-LT3485-2_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-3 LINER-LT3485-3_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com