Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L817EGW Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-L817EGW
Description  8.0mm Round Type BI-COLOR LED Lamps, with 2 leads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L817EGW Datasheet(HTML) 3 Page - BetLux Electronics

  BL-L817EGW Datasheet HTML 1Page - BetLux Electronics BL-L817EGW Datasheet HTML 2Page - BetLux Electronics BL-L817EGW Datasheet HTML 3Page - BetLux Electronics BL-L817EGW Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
  
Round Type, Bi-color LED lamp
BL-L817
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 3 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
n
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH()
? p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz
F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta()
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta()
(5)


Similar Part No. - BL-L817EGW

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L817EGW BETLUX-BL-L817EGW Datasheet
245Kb / 3P
   Round Type, Bi-color LED lamp
More results

Similar Description - BL-L817EGW

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L819 BETLUX-BL-L819 Datasheet
311Kb / 4P
   8.0mm Round Type BI-COLOR LED Lamps, with 3 leads
BL-L517 BETLUX-BL-L517 Datasheet
227Kb / 4P
   5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L317 BETLUX-BL-L317 Datasheet
227Kb / 4P
   3.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L519 BETLUX-BL-L519 Datasheet
228Kb / 4P
   5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L315 BETLUX-BL-L315 Datasheet
228Kb / 4P
   3.0mm Round Type BI-COLOR LED Lamps, with 3 leads
BL-L2519 BETLUX-BL-L2519 Datasheet
227Kb / 4P
   2.0*5.0mm Rectangular Type BI-COLOR LED Lamps, with 3 leads
BL-L107EGW BETLUX-BL-L107EGW Datasheet
156Kb / 3P
   Round Type, Bi-color LED lamp
BL-L517EGW BETLUX-BL-L517EGW Datasheet
66Kb / 3P
   Round Type, Bi-color LED lamp
BL-L817EGW BETLUX-BL-L817EGW Datasheet
245Kb / 3P
   Round Type, Bi-color LED lamp
BL-L315EGW BETLUX-BL-L315EGW Datasheet
74Kb / 3P
   Round Type, BI-COLOR LED lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com