Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L813UYC Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-L813UYC
Description  8mm Round LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L813UYC Datasheet(HTML) 4 Page - BetLux Electronics

  BL-L813UYC Datasheet HTML 1Page - BetLux Electronics BL-L813UYC Datasheet HTML 2Page - BetLux Electronics BL-L813UYC Datasheet HTML 3Page - BetLux Electronics BL-L813UYC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Round Type LED lamp
BL-L813
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 4 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
9 Inner Box /Box
3 Inner Box /Box
Maximum
6
Bag/Inner Box
200pcs/bag
0.7g/pcs


Similar Part No. - BL-L813UYC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L813UYC BETLUX-BL-L813UYC Datasheet
72Kb / 3P
   Round Type LED lamp
More results

Similar Description - BL-L813UYC

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-813W5C A-BRIGHT-AL-813W5C_08 Datasheet
302Kb / 6P
   8mm Round LED Lamps
2008/3/19
AL-813HD A-BRIGHT-AL-813HD_10 Datasheet
276Kb / 5P
   8mm Round LED Lamps
2010/5/5
AL-813IR-850-30C A-BRIGHT-AL-813IR-850-30C_08 Datasheet
316Kb / 5P
   8mm Round LED Lamps
AL-813UO5C A-BRIGHT-AL-813UO5C_08 Datasheet
312Kb / 5P
   8mm Round LED Lamps
2008/3/19
AL-813IR-85030C2 A-BRIGHT-AL-813IR-85030C2_08 Datasheet
328Kb / 5P
   8mm Round LED Lamps
2008/3/20
AL-813OR6C A-BRIGHT-AL-813OR6C_08 Datasheet
311Kb / 5P
   8mm Round LED Lamps
2008/3/19
AL-8132IR850-30C A-BRIGHT-AL-8132IR850-30C Datasheet
253Kb / 5P
   8mm Round LED Lamps
AL-813ID A-BRIGHT-AL-813ID_09 Datasheet
238Kb / 5P
   8mm Round LED Lamps
2009/2/26
logo
OptoSupply Internationa...
OSR5RU8131A OPTOSUPPLY-OSR5RU8131A Datasheet
102Kb / 1P
   8mm Round Red LED
logo
Kingbright Corporation
L-793ID KINGBRIGHT-L-793ID Datasheet
61Kb / 3P
   8mm ROUND LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com