Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS3806A0S1UYC Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-LS3806A0S1UYC
Description  3.8mmx0.6mm SMD, 1.2mm THICKNESS side emitting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS3806A0S1UYC Datasheet(HTML) 3 Page - BetLux Electronics

  BL-LS3806A0S1UYC Datasheet HTML 1Page - BetLux Electronics BL-LS3806A0S1UYC Datasheet HTML 2Page - BetLux Electronics BL-LS3806A0S1UYC Datasheet HTML 3Page - BetLux Electronics BL-LS3806A0S1UYC Datasheet HTML 4Page - BetLux Electronics BL-LS3806A0S1UYC Datasheet HTML 5Page - BetLux Electronics BL-LS3806A0S1UYC Datasheet HTML 6Page - BetLux Electronics BL-LS3806A0S1UYC Datasheet HTML 7Page - BetLux Electronics BL-LS3806A0S1UYC Datasheet HTML 8Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMD LED LAMP
BL-LS3806A0S1
APPRO
VED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.4
Page 3 of 8
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Tape Specifications
Smt Reflow Solding Instructions
Number of reflow process shall be less than 2 times
and cooling process to normai temperature is required
between first and second soldering process
Recommended Soldering Pattern
(Units:mm)
1.60
1.60
2.10
1.10
Tape Specifications
(Units:mm)
4.00
2.00
1.75
5.50
12.00
?1.50
4.00
Cathode mark
5.8
1.0


Similar Part No. - BL-LS3806A0S1UYC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
   3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
BL-LS3014B1S1 BETLUX-BL-LS3014B1S1 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C150 BETLUX-BL-LS3014B1S1UWC-C150 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C30 BETLUX-BL-LS3014B1S1UWC-C30 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C60 BETLUX-BL-LS3014B1S1UWC-C60 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
More results

Similar Description - BL-LS3806A0S1UYC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
   3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
logo
NTE Electronics
NTE3163 NTE-NTE3163 Datasheet
77Kb / 2P
   Light Emitting Diode - 1.2mm x 5.9mm
logo
Kyocera Kinseki Corpota...
CX-91F KSS-CX-91F Datasheet
148Kb / 1P
   Ultrathin thickness 1.2mm or less. (6.0횞3.7횞1.0mm)
logo
Everlight Electronics C...
EAISV3027A0 EVERLIGHT-EAISV3027A0 Datasheet
643Kb / 9P
   1.2mm round Subminiature Side Looking Infrared LED
logo
OPTEK Technologies
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
   White Side-Emitting SMD LED (120째 Viewing Angle)
logo
Fox Electronics
K122 FOX-K122 Datasheet
403Kb / 3P
   2 x 1.2mm SMD Tuning Fork
logo
Everlight Electronics C...
IR26-61C-L302-TR8 EVERLIGHT-IR26-61C-L302-TR8 Datasheet
203Kb / 9P
   1.2mm round Subminiature Side Looking Infrared LED
logo
Fox Electronics
C0BS FOX-C0BS Datasheet
287Kb / 3P
   1.6 x 1.2mm Ceramic SMD Crystal
K125 FOX-K125 Datasheet
398Kb / 3P
   2 x 1.2mm SMD Tuning Fork
logo
Micrel Semiconductor
MIC9404X MICREL-MIC9404X Datasheet
1Mb / 13P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com