Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS3806A0S1UGC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-LS3806A0S1UGC
Description  3.8mmx0.6mm SMD, 1.2mm THICKNESS side emitting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS3806A0S1UGC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-LS3806A0S1UGC Datasheet HTML 1Page - BetLux Electronics BL-LS3806A0S1UGC Datasheet HTML 2Page - BetLux Electronics BL-LS3806A0S1UGC Datasheet HTML 3Page - BetLux Electronics BL-LS3806A0S1UGC Datasheet HTML 4Page - BetLux Electronics BL-LS3806A0S1UGC Datasheet HTML 5Page - BetLux Electronics BL-LS3806A0S1UGC Datasheet HTML 6Page - BetLux Electronics BL-LS3806A0S1UGC Datasheet HTML 7Page - BetLux Electronics BL-LS3806A0S1UGC Datasheet HTML 8Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SMD LED LAMP
BL-LS3806A0S1
APPRO
VED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.4
Page 1 of 8
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
3.8mmx0.6mm SMD, 1.2mm THICKNESS side emitting
Mono-color type, Ultra brightness
Compatible with automatic placement equipment
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
PACKAGE: 2KPCS/REEL
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
P
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-LS3806A0S1UEC
Ultra Red
AlGaAs
630
2.10
2.50
250
320
BL-LS3806A0S1UYO
Ultra Amber
AlGaInP
610
2.10
2.60
500
600
BL-LS3806A0S1UYC
Ultra Yellow
AlGaInP
593
2.10
2.60
500
600
BL-LS3806A0S1UGC
Ultra Green
AlGaInP
575
2.20
2.70
70
80
BL-LS3806A0S1PGC
Ultra Pure Green
InGaN
525
3.10
3.80
1300
1500
BL-LS3806A0S1UBC
Ultra Blue
InGaN
470
3.10
3.80
450
500
BL-LS3806A0S1UWC
Ultra White
InGaN
/
Water
Clear
3.10
3.80
1900
2100
120
Absolute maximum ratings (Ta=25°C)
Parameter
UE
UYO
UY
UG
PG
UB
UW
Unit
Forward Current IF
30
30
30
30
30
30
30
mA
Power Dissipation Pd
78
78
78
78
78
78
78
mW
Reverse Voltage VR
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
100
100
100
100
100
100
100
mA
Operation Temperature TOPR
-30 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-LS3806A0S1UGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
   3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
BL-LS3014B1S1 BETLUX-BL-LS3014B1S1 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C150 BETLUX-BL-LS3014B1S1UWC-C150 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C30 BETLUX-BL-LS3014B1S1UWC-C30 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3014B1S1UWC-C60 BETLUX-BL-LS3014B1S1UWC-C60 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
More results

Similar Description - BL-LS3806A0S1UGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
   3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
logo
NTE Electronics
NTE3163 NTE-NTE3163 Datasheet
77Kb / 2P
   Light Emitting Diode - 1.2mm x 5.9mm
logo
Kyocera Kinseki Corpota...
CX-91F KSS-CX-91F Datasheet
148Kb / 1P
   Ultrathin thickness 1.2mm or less. (6.0횞3.7횞1.0mm)
logo
Everlight Electronics C...
EAISV3027A0 EVERLIGHT-EAISV3027A0 Datasheet
643Kb / 9P
   1.2mm round Subminiature Side Looking Infrared LED
logo
OPTEK Technologies
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
   White Side-Emitting SMD LED (120째 Viewing Angle)
logo
Fox Electronics
K122 FOX-K122 Datasheet
403Kb / 3P
   2 x 1.2mm SMD Tuning Fork
logo
Everlight Electronics C...
IR26-61C-L302-TR8 EVERLIGHT-IR26-61C-L302-TR8 Datasheet
203Kb / 9P
   1.2mm round Subminiature Side Looking Infrared LED
logo
Fox Electronics
C0BS FOX-C0BS Datasheet
287Kb / 3P
   1.6 x 1.2mm Ceramic SMD Crystal
K125 FOX-K125 Datasheet
398Kb / 3P
   2 x 1.2mm SMD Tuning Fork
logo
Micrel Semiconductor
MIC9404X MICREL-MIC9404X Datasheet
1Mb / 13P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com