Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3485-3 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3485-3
Description  Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3485-3 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3485-3 Datasheet HTML 5Page - Linear Technology LT3485-3 Datasheet HTML 6Page - Linear Technology LT3485-3 Datasheet HTML 7Page - Linear Technology LT3485-3 Datasheet HTML 8Page - Linear Technology LT3485-3 Datasheet HTML 9Page - Linear Technology LT3485-3 Datasheet HTML 10Page - Linear Technology LT3485-3 Datasheet HTML 11Page - Linear Technology LT3485-3 Datasheet HTML 12Page - Linear Technology LT3485-3 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3485-0/LT3485-1/
LT3485-2/LT3485-3
9
34850123fb
CHARGE pin low. Only when the final output voltage is
reached will the DONE pin go low. Figure 2 shows these
various modes in action. When CHARGE is first brought
high, charging commences. When CHARGE is brought
low during charging, the part goes into shutdown and
VOUT no longer rises. When CHARGE is brought high
again, charging resumes. When the target VOUT voltage is
reached, the DONE pin goes low and charging stops.
Finally the CHARGE pin is brought low again so the part
enters shutdown and the DONE pin goes high.
Both VBAT and VIN have undervoltage lockout (UVLO).
When one of these pins goes below its UVLO voltage, the
DONE pin goes low. With an insufficient bypass capacitor
on VBAT or VIN, the ripple on the pin is likely to activate
UVLO and terminate the charge. The applications circuits
in the data sheet suggest values adequate for most
applications.
The LT3485 VMONT pin functions as an output to a
microcontroller to communicate the progress of the charge.
The VMONT pin starts to function at about 0.2V, which
corresponds to 64V with a turns ratio of 10.2. When the
VMONT pin is at 1V, the DONE pin goes low and the
charging terminates. The pin’s output is only valid when
the part is charging.
The LT3485 also integrates an IGBT drive. The IGBTPWR
pin supplies the power. The IGBT output goes high when
IGBTIN goes high and conversely goes low when IGBTIN
goes low. While IGBTIN is low, the IGBT drive draws no
quiescent current from IGBTPWR.
OPERATIO
The LT3485-0/LT3485-1/LT3485-2/LT3485-3 are designed
to charge photoflash capacitors quickly and efficiently. The
operation of the part can be best understood by referring
to Figure 1. When the CHARGE pin is first driven high, a one
shot sets both SR latches in the correct state. The power
NPN device, Q1, turns on and current begins ramping up
in the primary of transformer T1. Comparator A1 monitors
the switch current and when the peak current reaches 2A
(LT3485-3), 1.4A (LT3485-0), 1A (LT3485-2) or 0.7A
(LT3485-1), Q1 is turned off. Since T1 is utilized as a flyback
transformer, the flyback pulse on the SW pin will cause the
output of A3 to be high. The voltage on the SW pin needs
to be at least 45mV higher than VBAT for this to happen.
During this phase, current is delivered to the photoflash
capacitor via the secondary and diode D1. As the second-
ary current decreases to zero, the SW pin voltage will begin
to collapse. When the SW pin voltage drops to 45mV above
VBAT or lower, the output of A3 (DCM Comparator) will go
low. This fires a one shot which turns Q1 back on. This cycle
will continue to deliver power to the output.
Output voltage detection is accomplished via R2, R1, Q2,
and comparator A2 (VOUT Comparator). Resistors R1 and
R2 are sized so that when the SW voltage is 31.5V above
VBAT, the output of A2 goes high which resets the master
latch. This disables Q1 and halts power delivery. NPN
transistor Q3 is turned on pulling the DONE pin low,
indicating that the part has finished charging. Power
delivery can only be restarted by toggling the CHARGE pin.
The CHARGE pin gives full control of the part to the user.
The charging can be halted at any time by bringing the
Figure 2. Halting the Charging Cycle with the CHARGE Pin
LT3485-2
VIN = 3.6V
COUT = 50µF
VOUT
100V/DIV
VCHARGE
5V/DIV
VDONE
5V/DIV
1s/DIV
3485 F02


Similar Part No. - LT3485-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485-3 LINER-LT3485-3 Datasheet
343Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
logo
Analog Devices
LT3485-3 AD-LT3485-3 Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Sumida Corporation
LT3485-3 SUMIDA-LT3485-3 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - LT3485-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485-1 LINER-LT3485-1_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-0 LINER-LT3485-0_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-0 LINER-LT3485-0 Datasheet
343Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-2 LINER-LT3485-2_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com