Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3495-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3495-1
Description  650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3495-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3495-1_15 Datasheet HTML 5Page - Linear Technology LT3495-1_15 Datasheet HTML 6Page - Linear Technology LT3495-1_15 Datasheet HTML 7Page - Linear Technology LT3495-1_15 Datasheet HTML 8Page - Linear Technology LT3495-1_15 Datasheet HTML 9Page - Linear Technology LT3495-1_15 Datasheet HTML 10Page - Linear Technology LT3495-1_15 Datasheet HTML 11Page - Linear Technology LT3495-1_15 Datasheet HTML 12Page - Linear Technology LT3495-1_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT3495/LT3495B/
LT3495-1/LT3495B-1
9
3495b1b1fa
APPLICATIONS INFORMATION
Inductor Selection
Several inductors that work well with the LT3495/LT3495B
are listed in Table 2 and those for the LT3495-1/LT3495B-1
are listed in Table 3. These tables are not complete, and
there are many other manufacturers and devices that can
be used. Consult each manufacturer for more detailed
information and for their entire selection of related parts,
as many different sizes and shapes are available.
Inductorswithavalueof3.3µHorhigherarerecommended
for most LT3495 series designs. Inductors with low core
losses and small DCR (copper wire resistance) are good
choices for LT3495 series applications. For full output
power, the inductor should have a saturation current rating
higher than the peak inductor current. The peak inductor
current can be calculated as:
IPK =ILIMIT +
VIN •200•10–9
L
amps
where ILIMIT is 0.65A and 0.35A for LT3495/LT3495B and
LT3495-1/LT3495B-1 respectively. L is the inductance
value in Henrys and VIN is the input voltage to the boost
circuit.
Table 2. Recommended Inductors for LT3495/LT3495B
PART
L
(µH)
DCR
(mΩ)
SIZE (mm)
VENDOR
LPS4018-103ML
MSS5131-103MLC
LPS3015-472MLC
LPS3015-682MLC
10
10
4.7
6.8
200
83
200
300
4.4
× 4.4 × 1.7
5.1
× 5.1 × 3.1
3.0
× 3.0 × 1.5
3.0
× 3.0 × 1.5
Coilcraft
www.coilcraft.com
LQH43CN4R7M03
4.7
150
4.5
× 3.2 × 2.8 Murata
www.murata.com
CR32-6R8
6.8
202
4.1
× 3.7 × 3.0 Sumida
www.sumida.com
744031004
4.7
105
3.8
× 3.8 × 1.7 Wurth Elektronik
www.we-online.com
Capacitor Selection
The small size and low ESR of ceramic capacitors makes
them suitable for most LT3495 series applications. X5R
and X7R types are recommended because they retain
their capacitance over wider voltage and temperature
ranges than other types such as Y5V or Z5U. A 4.7µF
input capacitor and a 1µF to 10µF output capacitor are
sufficient for most applications. Always use a capacitor
with a sufficient voltage rating. Many capacitors rated at
1µF to 10µF, particularly 0603 case sizes, have greatly
reduced capacitance when bias voltages are applied. Be
sure to check actual capacitance at the desired output
voltage. Generally a 0805 or 1206 size capacitor will be
adequate. A 2.2µF capacitor placed on the CAP node is
recommended to filter the inductor current while a 1µF to
10µF capacitor placed on the VOUT node will give excellent
transient response and stability. Table 4 shows a list of
several capacitor manufacturers. Consult the manufac-
turers for more detailed information and for their entire
selection of related parts.
Table 3. Recommended Inductors for LT3495-1/LT3495B-1
PART
L
(µH)
DCR
(mΩ)
SIZE (mm)
VENDOR
LPO4815-472MLC
LPO4815-682MLC
LPO4815-103MLC
LPS3008-472MLC
LPS3008-682MLC
LPS3008-103MLC
4.7
6.8
10
4.7
6.8
10
150
180
230
350
500
650
4.8
× 4.8 × 1.5
4.8
× 4.8 × 1.5
4.8
× 4.8 × 1.5
3.0
× 3.0 × 0.8
3.0
× 3.0 × 0.8
3.0
× 3.0 × 0.8
Coilcraft
www.coilcraft.com
LQH32CN4R7M53
LQH32CN100K33
4.7
10
150
300
3.2
× 2.5 × 1.6
3.2
× 2.5 × 2.0
Murata
www.murata.com
CDH28D09/S-6R2
6.2
369
3.3
× 3.0 × 1.0 Sumida
www.sumida.com
744030004
4.7
290
3.5
× 3.3 × 1.0 Wurth Elektronik
www.we-online.com
Table 4. Recommended Ceramic Capacitor Manufacturers
MANUFACTURER
PHONE
WEBSITE
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
AVX
(843) 448-9411
www.avxcorp.com
Murata
(814) 237-1431
www.murata.com
Kemet
(408) 986-0424
www.kemet.com
TDK
(847) 803-6100
www.tdk.com
Diode Selection
Schottky diodes, with their low forward voltage drops and
fast switching speeds, are recommended for use with the
LT3495 series. The Diodes Inc. B0540WS-7 is a very good
choice. This diode is rated to handle an average forward
current of 0.5A with 40V reverse breakdown.


Similar Part No. - LT3495-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3495-1 LINER-LT3495-1 Datasheet
327Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
More results

Similar Description - LT3495-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3495B-1 LINER-LT3495B-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495 LINER-LT3495_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495 LINER-LT3495 Datasheet
327Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B LINER-LT3495B_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3494 LINER-LT3494_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494A LINER-LT3494A_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494 LINER-LT3494 Datasheet
266Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
   600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com