Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3495B Datasheet(PDF) 10 Page - Linear Technology

Part # LT3495B
Description  650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3495B Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3495B_15 Datasheet HTML 6Page - Linear Technology LT3495B_15 Datasheet HTML 7Page - Linear Technology LT3495B_15 Datasheet HTML 8Page - Linear Technology LT3495B_15 Datasheet HTML 9Page - Linear Technology LT3495B_15 Datasheet HTML 10Page - Linear Technology LT3495B_15 Datasheet HTML 11Page - Linear Technology LT3495B_15 Datasheet HTML 12Page - Linear Technology LT3495B_15 Datasheet HTML 13Page - Linear Technology LT3495B_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT3495/LT3495B/
LT3495-1/LT3495B-1
10
3495b1b1fa
APPLICATIONS INFORMATION
Figure 2. Feedback Connection Using
the CAP Pin or the VOUT Pin
SW
CAP
VCC
SHDN
CTRL
VOUT
FB
GND
R1
LT3495
C1
C3
VOUT
SW
CAP
VCC
SHDN
CTRL
VOUT
FB
GND
R1
3495 F02
LT3495
C1
SW
CAP
VCC
SHDN
CTRL
VOUT
FB
GND
3495 F03
LT3495
C1
ILOAD
Figure 1. CTRL to FB Transfer Curve
Figure 3. Improved Efficiency Connection
Setting Output Voltage and the Auxiliary Reference
Input
The LT3495 series is equipped with both an internal
1.235V reference and an auxiliary reference input. This
allows the user to select between using the built-in refer-
ence and supplying an external reference voltage. The
voltage at the CTRL pin can be adjusted while the chip is
operating to alter the output voltage for purposes such
as display dimming or contrast adjustment. To use the
internal 1.235V reference, the CTRL pin must be held
higher than 1.5V. When the CTRL pin is held between 0V
and 1.235V, the parts will regulate the output such that
the FB pin voltage is nearly equal to the CTRL pin voltage.
At CTRL voltages close to 1.235V, a soft transition occurs
between the CTRL pin and the internal reference. Figure 1
shows this behavior.
To set the maximum output voltage, select the values of
R1 according to the following equation:
R1= 76 •
VOUT
1.235
– 1
⎝⎜
⎠⎟
When CTRL is used to override the internal reference,
the output voltage can be lowered from the maximum
value down to nearly the input voltage level. If the volt-
age source driving the CTRL pin is located at a distance
to the LT3495, a small 0.1µF capacitor may be needed to
bypass the pin locally.
Choosing a Feedback Node
The single feedback resistor may be connected to the
VOUT pin or to the CAP pin (see Figure 2). Regulating the
VOUT pin eliminates the output offset resulting from the
voltage drop across the output disconnect PMOS. Regu-
lating the CAP pin does not compensate for the voltage
drop across the output disconnect, resulting in an output
voltage VOUT that is slightly lower than the voltage set by
the resistor divider. Under most conditions, it is advised
that the feedback resistor be tied to the VOUT pin.
Connecting the Load to the CAP Node
The efficiency of the converter can be improved by con-
necting the load to the CAP pin instead of the VOUT pin.
The power loss in the PMOS disconnect circuit is then
made negligible. By connecting the feedback resistor to
the VOUT pin, no quiescent current will be consumed in the
feedback resistor string during shutdown since the PMOS
transistor will be open (see Figure 3). The disadvantage
of this method is that the CAP node cannot go to ground
during shutdown, but will be limited to around a diode
drop below VCC. Loads connected to the part should only
sink current. Never force external power supplies onto
the CAP or VOUT pins.
CTRL VOLTAGE (V)
0
1.5
1.2
0.6
0.9
0.3
0
0.9
3495 F01
1.5
0.6
0.3
1.2


Similar Part No. - LT3495B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3495B-1 LINER-LT3495B-1 Datasheet
327Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B-1 LINER-LT3495B-1 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B-1 LINER-LT3495B-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
More results

Similar Description - LT3495B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3495B-1 LINER-LT3495B-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495 LINER-LT3495_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495 LINER-LT3495 Datasheet
327Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495-1 LINER-LT3495-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3494 LINER-LT3494_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494A LINER-LT3494A_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494 LINER-LT3494 Datasheet
266Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
   600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com