Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS7020A1S1UWC-1W Datasheet(PDF) 7 Page - BetLux Electronics

Part # BL-LS7020A1S1UWC-1W
Description  SMD LED , 7.0mmx2.0mm SMD, 0.8mm THICKNESS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS7020A1S1UWC-1W Datasheet(HTML) 7 Page - BetLux Electronics

  BL-LS7020A1S1UWC-1W Datasheet HTML 1Page - BetLux Electronics BL-LS7020A1S1UWC-1W Datasheet HTML 2Page - BetLux Electronics BL-LS7020A1S1UWC-1W Datasheet HTML 3Page - BetLux Electronics BL-LS7020A1S1UWC-1W Datasheet HTML 4Page - BetLux Electronics BL-LS7020A1S1UWC-1W Datasheet HTML 5Page - BetLux Electronics BL-LS7020A1S1UWC-1W Datasheet HTML 6Page - BetLux Electronics BL-LS7020A1S1UWC-1W Datasheet HTML 7Page - BetLux Electronics BL-LS7020A1S1UWC-1W Datasheet HTML 8Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SMD LED
BL-LS7020A0S1
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.3
Page 7 of 8
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Typical electrical-optical characteristics curves:


Similar Part No. - BL-LS7020A1S1UWC-1W

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS0402EC BETLUX-BL-LS0402EC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS0402GC BETLUX-BL-LS0402GC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS0402HC BETLUX-BL-LS0402HC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS0402LRC BETLUX-BL-LS0402LRC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS0402SRC BETLUX-BL-LS0402SRC Datasheet
91Kb / 4P
   SMD LED LAMP
More results

Similar Description - BL-LS7020A1S1UWC-1W

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS5730A1S1 BETLUX-BL-LS5730A1S1 Datasheet
308Kb / 8P
   SMD LED , 5.7mmx3.0mm SMD, 0.8mm THICKNESS
BL-LS1608B0E1 BETLUX-BL-LS1608B0E1 Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
BL-LS2012B0E1 BETLUX-BL-LS2012B0E1 Datasheet
539Kb / 6P
   2.0mmx1.25mm SMD, 0.8mm THICKNESS
logo
A-BRIGHT Inc
AL-HG636D A-BRIGHT-AL-HG636D Datasheet
339Kb / 5P
   Green SMD Chip LED Lamps (0.8mm Height)
2006/10/11
logo
Kingbright Corporation
APHM1608VRBXF-A-5MAV KINGBRIGHT-APHM1608VRBXF-A-5MAV Datasheet
295Kb / 4P
   1.6 x 0.8mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APHM1608VRBXF-A-5MAV TO-GRACE-APHM1608VRBXF-A-5MAV Datasheet
767Kb / 4P
   1.6 x 0.8mm SMD CHIP LED LAMP
logo
A-BRIGHT Inc
AL-HW436D A-BRIGHT-AL-HW436D Datasheet
340Kb / 5P
   White SMD Chip LED Lamps (0.8mm Height)
2006/10/18
AL-HKB36D A-BRIGHT-AL-HKB36D Datasheet
340Kb / 5P
   Super Yellow SMD Chip LED Lamps (0.8mm Height)
2006/10/11
AL-HUB36D A-BRIGHT-AL-HUB36D Datasheet
340Kb / 5P
   Super Red SMD Chip LED Lamps (0.8mm Height)
2007/3/14
AL-HJF36D A-BRIGHT-AL-HJF36D Datasheet
339Kb / 5P
   Super Amber SMD Chip LED Lamps (0.8mm Height)
2006/10/11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com