Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3503 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3503
Description  1A, 2.2MHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3503 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3503 Datasheet HTML 7Page - Linear Technology LT3503 Datasheet HTML 8Page - Linear Technology LT3503 Datasheet HTML 9Page - Linear Technology LT3503 Datasheet HTML 10Page - Linear Technology LT3503 Datasheet HTML 11Page - Linear Technology LT3503 Datasheet HTML 12Page - Linear Technology LT3503 Datasheet HTML 13Page - Linear Technology LT3503 Datasheet HTML 14Page - Linear Technology LT3503 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT3503
3503f
APPLICATIO S I FOR ATIO
Ceramic capacitors have very low equivalent series resis-
tance (ESR) and provide the best ripple performance. A
good value is:
COUT = 24/VOUT
where COUT is in µF. Use X5R or X7R types and keep in
mind that a ceramic capacitor biased with VOUT will have
less than its nominal capacitance. This choice will provide
low output ripple and good transient response. Transient
performance can be improved with a high value capacitor,
but a phase lead capacitor across the feedback resistor R1
may be required to get the full benefit (see the Compen-
sation section). Using a small output capacitor results in
an increased loop crossover frequency and increased
sensitivity to noise. A 22pF capacitor connected between
VOUT and the FB pin is required to filter noise at the FB pin
and ensure stability.
High performance electrolytic capacitors can be used for
the output capacitor. Low ESR is important, so choose
one that is intended for use in switching regulators. The
ESR should be specified by the supplier and should be
0.1
Ω or less. Such a capacitor will be larger than a
ceramic capacitor and will have a larger capacitance, be-
cause the capacitor must be large to achieve low ESR.
Table 2 lists several capacitor vendors.
Figure 5 shows the transient response of the LT3503 with
a few output capacitor choices. The output is 3.3V. The
load current is stepped from 0.5A to 1.1A and back to 0.5A,
and the oscilloscope traces show the output voltage. The
upper photo shows the recommended value. The second
photo shows the improved response (less voltage drop)
resulting from a phase lead capacitor. The last photo
shows the response to a high performance electrolytic
capacitor. Transient performance is improved due to the
large output capacitance.
BOOST Pin Considerations
Capacitor C3 and diode D2 are used to generate a boost
voltage that is higher than the input voltage. In most cases
a 0.1
µF capacitor and fast switching diode (such as the
1N4148 or 1N914) will work well. Figure 6 shows two
ways to arrange the boost circuit. The BOOST pin must be
at least 2.3V above the SW pin for best efficiency. For
outputs of 3.3V and above, the standard circuit (Figure 6a)
is best. For outputs between 3V and 3.3V, use a 0.22
µF
capacitor. For outputs between 2.5V and 3V, use a 0.47
µF
capacitor and a small Schottky diode (such as the BAT-54).
For lower output voltages tie a Schottky diode to the input
(Figure 6b). The circuit in Figure 6a is more efficient
because the BOOST pin current comes from a lower
voltage source. You must also be sure that the maximum
voltage rating of the BOOST pin is not exceeded.
Table 2. Capacitor Vendors
Vendor
Phone
URL
Part Series
Comments
Panasonic
(714) 373-7366
www.panasonic.com
Ceramic,
Polymer,
EEF Series
Tantalum
Kemet
(864) 963-6300
www.kemet.com
Ceramic,
Tantalum
T494, T495
Sanyo
(408) 749-9714
www.sanyovideo.com
Ceramic,
Polymer,
POSCAP
Tantalum
Murata
(404) 436-1300
www.murata.com
Ceramic
AVX
www.avxcorp.com
Ceramic,
Tantalum
TPS Series
Taiyo Yuden
(864) 963-6300
www.taiyo-yuden.com
Ceramic


Similar Part No. - LT3503

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3503EDCB LINER-LT3503EDCB Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
More results

Similar Description - LT3503

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8030 RICHTEK-RT8030 Datasheet
136Kb / 11P
   1A, 2.2MHz, Synchronous Step-Down Regulator
logo
Linear Technology
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
STMicroelectronics
L5970D STMICROELECTRONICS-L5970D_07 Datasheet
260Kb / 16P
   Up to 1A step down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com