Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3804 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3804
Description  Secondary Side Dual Output Controller with Opto Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3804 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3804_15 Datasheet HTML 4Page - Linear Technology LT3804_15 Datasheet HTML 5Page - Linear Technology LT3804_15 Datasheet HTML 6Page - Linear Technology LT3804_15 Datasheet HTML 7Page - Linear Technology LT3804_15 Datasheet HTML 8Page - Linear Technology LT3804_15 Datasheet HTML 9Page - Linear Technology LT3804_15 Datasheet HTML 10Page - Linear Technology LT3804_15 Datasheet HTML 11Page - Linear Technology LT3804_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT3804
8
3804i
Synchronization and Oscillator Frequency Setting
The switching is synchronized to the secondary winding
falling edge and the synchronization threshold is typically
2.5V. The synchronization falling edge triggers an internal
inverted ramp (see Figure 2) and starts a new switching
cycle for the leading edge voltage mode PWM. The reason
for using leading edge modulation is to leave the trans-
former primary side peak current sensing undisturbed.
For proper synchronization, the oscillator frequency should
be set lower than the system switching frequency with
tolerances taken into account.
fOSC < (fSL • 0.8)
fSL is the low limit of the system switching frequency and
0.8 is the tolerance of fOSC.
For example, given a system operating at 200kHz with
15% tolerance, then fSL = 200kHz • 85% = 170kHz; and
fOSC < (170kHz • 0.8), so fOSC should be set below 136kHz.
Once fOSC is determined, CSET can be calculated by
CSET = (103540pF/fOSC(kHz)) – 18pF.
For fOSC = 200kHz, CSET = 500pF.
Output Voltage Programming
The LT3804 uses true remote sensing (separate ground
sensing pins, GNDS1 for the first output and GNDS2 for
the second output) to eliminate output error pickup due to
parasitic resistance.
The feedback reference voltages VREF1 and VREF2 are 0.6V
referred to GNDS1 and GNDS2 respectively. The output
voltage can be easily programmed by a resistor divider, as
shown in the Block Diagram:
VOUT1 = 0.6 (1 + R13/R14)
VOUT2 = 0.6 (1 + R3/R4)
where R14 connects to GNDS1 and R4 connects to
GNDS2.
For accurate sensing results, GNDS1 and GNDS2 should
stay within –0.1V and 0.1V referred to GND. Note that if
either GNDS1 or GNDS2 is not connected, the LT3804 will
be shut down.
Power Good
When both outputs reach between 90% and 110% of the
programmed level, VPGOOD goes high( a pull-up resistor is
required if the function is used) to signal power good. If
either output rises above 110% or drops below 90%,
VPGOOD goes low after a 200µs delay. PGIN1 senses the
first output and PGIN2 senses the second output with a
resistor divider. PGIN1 and PGIN2 are compared to the
references VREF1 and VREF2 respectively. Resistor dividers
should be connected to GNDS1 and GNDS2 with respect
to each output.
Current Limit CA1
The first output current limit is set by the 50mV threshold
across CL1P and CL1N, the inputs of the amplifier CA1. By
connecting an external resistor RS1(see Block Diagram),
the current limit is set for 50mV/RS1. C17 on ILCOMP1
stablizes the current limit loop. If current limit is not used,
both CL1P and CL1N should be grounded and C17 is not
needed.
Current Limit CA2
The second output current limit is set by the 50mV
threshold across CL2P and CL2N, the inputs of the ampli-
fier CA2. By connecting an external resistor RS2 (see Block
Diagram), the current limit is set for 50mV/RS2. R6 and C6
on ILCOMP2 stablize the current limit loop. If current limit
is not used, both CL2P and CL2N should be grounded and
the BGS pin should also be grounded to disable compara-
tor CA2; R6 and C6 are not needed.
APPLICATIO S I FOR ATIO


Similar Part No. - LT3804_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3804EFE LINER-LT3804EFE Datasheet
264Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
More results

Similar Description - LT3804_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3804 LINER-LT3804 Datasheet
264Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
LT4430 LINER-LT4430_1 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
logo
Maxim Integrated Produc...
MAX17690EVKITE MAXIM-MAX17690EVKITE Datasheet
896Kb / 10P
   MAX17690 No-Opto Flyback with Secondary-Side Synchronous Rectification
Rev 0; 6/18
MAX17690EVKITA MAXIM-MAX17690EVKITA Datasheet
739Kb / 8P
   MAX17690 No-Opto Flyback with Secondary-Side Synchronous Rectification
Rev 2; 11/17
logo
National Semiconductor ...
LM3101 NSC-LM3101 Datasheet
306Kb / 20P
   Secondary-Side PWM Controller
logo
Linear Technology
LT4430ES6 LINER-LT4430ES6 Datasheet
2Mb / 20P
   Secondary-Side Optocoupler Driver
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com