Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR105P Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FR105P
Description  Fast Switching Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR105P Datasheet(HTML) 1 Page - Leshan Radio Company

  FR105P_15 Datasheet HTML 1Page - Leshan Radio Company FR105P_15 Datasheet HTML 2Page - Leshan Radio Company FR105P_15 Datasheet HTML 3Page - Leshan Radio Company FR105P_15 Datasheet HTML 4Page - Leshan Radio Company FR105P_15 Datasheet HTML 5Page - Leshan Radio Company FR105P_15 Datasheet HTML 6Page - Leshan Radio Company FR105P_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Diffused junction
* Capable of meeting environmental standards of MIL-S-19500
* 1.0 A operation at TA=55°C with no thermal runaway
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
2.Mechanical Data
Case
: JEDEC DO-41, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.012 oz., 0.3 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FR
101
FR
102
FR
103
FR
104
FR
105
FR
105P
FR
106
FR
107
FR
107P
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
600
800
1000
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
420
560
700
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
600
800
1000
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°C
IR(AV)
µA
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FR
101
FR
102
FR
103
FR
104
FR
105
FR
105P
FR
106
FR
107
FR
107P
Unit
Maximum instantaneous forward voltage at 1.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µA
Typical reverse recovery time (Note 1)
trr
250
150
250
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
150
500
15
FR101 thru FR107
1.0
30
100
55
–50 to +150
1.3
5.0
200
Reverse Voltage 50 to 1000V
Forward Current 1.0A
Fast Switching Rectifiers
We declare that the material of product
compliance with RoHS requirements.
LESHAN RADIO COMPANY, LTD.
1/3


Similar Part No. - FR105P_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FR105PG LRC-FR105PG_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
logo
Chenmko Enterprise Co. ...
FR105PT CHENMKO-FR105PT Datasheet
81Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - FR105P_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FR255 LRC-FR255_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR255P LRC-FR255P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR256 LRC-FR256_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR302 LRC-FR302_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR305 LRC-FR305_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR306 LRC-FR306_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR103 LRC-FR103_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
FR107 LRC-FR107_15 Datasheet
197Kb / 3P
   Fast Switching Rectifiers
FR157P LRC-FR157P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR204 LRC-FR204_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com