Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR105PG Datasheet(PDF) 5 Page - Leshan Radio Company

Part # FR105PG
Description  Glass Passivated Junction
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR105PG Datasheet(HTML) 5 Page - Leshan Radio Company

  FR105PG_15 Datasheet HTML 1Page - Leshan Radio Company FR105PG_15 Datasheet HTML 2Page - Leshan Radio Company FR105PG_15 Datasheet HTML 3Page - Leshan Radio Company FR105PG_15 Datasheet HTML 4Page - Leshan Radio Company FR105PG_15 Datasheet HTML 5Page - Leshan Radio Company FR105PG_15 Datasheet HTML 6Page - Leshan Radio Company FR105PG_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Unit:mm
A: 弹带盒规格/Ammo Box Spec.
Item
Symbol
Dimension
Notes
L
260±2
W
76±2
H
100±4
L
250±3
W
45±3
H
95±5
B:外箱规格/Outer Box Specification
Item
Symbol
Dimension
Notes
L
430±2
H
W
280±2
H
225±4
L
435±3
W
W
280±3
H
295±5
L
按以上包装方式:(As per the above spec)
DO-15
2K
20K
40K
2. 弹带盒装/Ammo Packing
Q'ty/Packing Case
52mm/TYPE
60K
14.4K
Q'ty/Taping
3K
0.8K
Q'ty/Packing Case
26mm/TYPE
30K
7.2K
Case's
Size
52mm
TYPE
26mm
TYPE
外型/Outside
A-405 & DO-41 & R-1
DO-201AD
Box's
Size
52mm
TYPE
26mm
TYPE
LESHAN RADIO COMPANY, LTD.


Similar Part No. - FR105PG_15

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR105P RECTRON-FR105P Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Leshan Radio Company
FR105P LRC-FR105P Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
FR105P LRC-FR105P Datasheet
199Kb / 7P
   Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers
logo
PACELEADER INDUSTRIAL
FR105P PACELEADER-FR105P Datasheet
534Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Chenmko Enterprise Co. ...
FR105PT CHENMKO-FR105PT Datasheet
81Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - FR105PG_15

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com