Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR151 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # FR151
Description  Fast Switching Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR151 Datasheet(HTML) 4 Page - Leshan Radio Company

  FR151_15 Datasheet HTML 1Page - Leshan Radio Company FR151_15 Datasheet HTML 2Page - Leshan Radio Company FR151_15 Datasheet HTML 3Page - Leshan Radio Company FR151_15 Datasheet HTML 4Page - Leshan Radio Company FR151_15 Datasheet HTML 5Page - Leshan Radio Company FR151_15 Datasheet HTML 6Page - Leshan Radio Company FR151_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Unit:mm
A:卷盘规格/Reel spec.
W1 W
W1
Item
Symbol
Dimension
Label stike this position
A
76.4±0.1
B
82.5±0.2
C
330±0.5
Width
W
72±0.2
Thickness
W1
3±0.2
B:外箱规格/Outer Box Specification
Item
Symbol
Dimension
L
350±2
W
350±2
H
340±4
H
按以上包装方式:(As per the above spec)
DO-15
4K
16K
Q'ty/Taping
5K
1.4K
Q'ty/Packing Case
20K
5.6K
Size
W
L
外型/Outside
DO-41 & A-405
DO-201AD
Packing Of Plastic-Sealed Axial Lead Diodes
A
B C
Dimeter
1.卷盘/Reel Packing(52mm)
LESHAN RADIO COMPANY, LTD.


Similar Part No. - FR151_15

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
FR151 DACHANG-FR151_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
logo
Galaxy Semi-Conductor H...
FR151 BILIN-FR151_15 Datasheet
301Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - FR151_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FR255 LRC-FR255_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR255P LRC-FR255P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR256 LRC-FR256_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR302 LRC-FR302_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR305 LRC-FR305_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR306 LRC-FR306_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR103 LRC-FR103_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
FR107 LRC-FR107_15 Datasheet
197Kb / 3P
   Fast Switching Rectifiers
FR157P LRC-FR157P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR204 LRC-FR204_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR105P LRC-FR105P_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com