Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR152G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FR152G
Description  Glass Passivated Junction
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR152G Datasheet(HTML) 1 Page - Leshan Radio Company

  FR152G_15 Datasheet HTML 1Page - Leshan Radio Company FR152G_15 Datasheet HTML 2Page - Leshan Radio Company FR152G_15 Datasheet HTML 3Page - Leshan Radio Company FR152G_15 Datasheet HTML 4Page - Leshan Radio Company FR152G_15 Datasheet HTML 5Page - Leshan Radio Company FR152G_15 Datasheet HTML 6Page - Leshan Radio Company FR152G_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards of MIL-S-19500
* 1.5 A operation at TA=55°C with no thermal runaway
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
2.Mechanical Data
Case
: JEDEC DO-15, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.015 oz., 0.40 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FR
151G
FR
152G
FR
153G
FR
154G
FR
155G
FR15
5PG
FR
156G
FR
157G
FR15
7PG
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
600
800
1000 1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
420
560
700
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
600
800
1000 1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°
C
IR(AV)
µA
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature range TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FR
151G
FR
152G
FR
153G
FR
154G
FR
155G
FR15
5PG
FR
156G
FR
157G
FR15
7PG
Unit
Maximum instantaneous forward voltage at 1.5A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 125°C
IR
µA
Typical reverse recovery time (Note 1)
trr
250
150
250
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
–50 to +150
1.3
5.0
200
500
35
FR151G thru FR157G
150
1.5
60
100
55
Reverse Voltage 50 to 1000V
Forward Current 1.5A
Glass Passivated Junction
Fast Switching Rectifiers
LESHAN RADIO COMPANY, LTD.
1/3
We declare that the material of product
compliance with RoHS requirements.


Similar Part No. - FR152G_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FR152G-T TSC-FR152G-T Datasheet
410Kb / 6P
   1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
logo
Micro Commercial Compon...
FR152GP MCC-FR152GP Datasheet
83Kb / 3P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
FR152GP CHENYI-FR152GP Datasheet
64Kb / 3P
   1.5Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 volts
logo
Micro Commercial Compon...
FR152GP MCC-FR152GP Datasheet
757Kb / 4P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR152GP MCC-FR152GP Datasheet
780Kb / 4P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - FR152G_15

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com