Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR153 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # FR153
Description  Fast Switching Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR153 Datasheet(HTML) 3 Page - Leshan Radio Company

  FR153_15 Datasheet HTML 1Page - Leshan Radio Company FR153_15 Datasheet HTML 2Page - Leshan Radio Company FR153_15 Datasheet HTML 3Page - Leshan Radio Company FR153_15 Datasheet HTML 4Page - Leshan Radio Company FR153_15 Datasheet HTML 5Page - Leshan Radio Company FR153_15 Datasheet HTML 6Page - Leshan Radio Company FR153_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5.Package Dimensions in inches and (millmeters)
Min.
Max.
Min.
Max.
L
0.230
0.300
5.8
7.6
L1
1.0
-
25.4
-
ΦD
0.104
0.140
2.6
3.6
Φd
0.028
0.034
0.7
0.9
inches
mm
Note:
DO-15
molded plastic case
The marking band indicates the
cathode
Dimensions
L
Φd
ΦD
Package outline
LESHAN RADIO COMPANY, LTD.
3/3


Similar Part No. - FR153_15

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
FR153-2C1.5A-2CDO-41 DGNJDZ-FR153-2C1.5A-2CDO-41 Datasheet
266Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
FR153-T3 WTE-FR153-T3 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
FR153-T3 WTE-FR153-T3 Datasheet
55Kb / 4P
   1.5A FAST RECOVERY DIODE
FR153-TB WTE-FR153-TB Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
FR153-TB WTE-FR153-TB Datasheet
55Kb / 4P
   1.5A FAST RECOVERY DIODE
More results

Similar Description - FR153_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FR255 LRC-FR255_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR255P LRC-FR255P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR256 LRC-FR256_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR302 LRC-FR302_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR305 LRC-FR305_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR306 LRC-FR306_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR103 LRC-FR103_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
FR107 LRC-FR107_15 Datasheet
197Kb / 3P
   Fast Switching Rectifiers
FR157P LRC-FR157P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR204 LRC-FR204_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR105P LRC-FR105P_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com