Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-304BC2L-B4-1G Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # LL-304BC2L-B4-1G
Description  Blue LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-304BC2L-B4-1G Datasheet(HTML) 1 Page - Lucky Light Electronic

  LL-304BC2L-B4-1G_15 Datasheet HTML 1Page - Lucky Light Electronic LL-304BC2L-B4-1G_15 Datasheet HTML 2Page - Lucky Light Electronic LL-304BC2L-B4-1G_15 Datasheet HTML 3Page - Lucky Light Electronic LL-304BC2L-B4-1G_15 Datasheet HTML 4Page - Lucky Light Electronic LL-304BC2L-B4-1G_15 Datasheet HTML 5Page - Lucky Light Electronic LL-304BC2L-B4-1G_15 Datasheet HTML 6Page - Lucky Light Electronic LL-304BC2L-B4-1G_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Luckylight
Spec No: B308 X465
Rev No: V.2
Date: Sep/17/2009
Page: 1 OF 7
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
http://www.luckylightled.com
Part No.: LL-304BC2L-B4-1G
3mm Round With Flange Type
Blue LED
Technical Data Sheet


Similar Part No. - LL-304BC2L-B4-1G_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-304BC2L-B4-1G LUCKY-LIGHT-LL-304BC2L-B4-1G Datasheet
134Kb / 7P
   3mm Round With Flange Type Blue LED Technical Data Sheet
LL-304BC2L-B4-1G LUCKY-LIGHT-LL-304BC2L-B4-1G Datasheet
134Kb / 7P
   Blue LED
More results

Similar Description - LL-304BC2L-B4-1G_15

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPB310B NICHIA-NSPB310B Datasheet
227Kb / 15P
   BLUE LED
NSPB500AS NICHIA-NSPB500AS Datasheet
230Kb / 15P
   BLUE LED
NSPB513 NICHIA-NSPB513 Datasheet
228Kb / 15P
   BLUE LED
NSPB520S NICHIA-NSPB520S Datasheet
295Kb / 15P
   BLUE LED
logo
Lucky Light Electronic
LL-484BC1C-B4-3B LUCKY-LIGHT-LL-484BC1C-B4-3B Datasheet
135Kb / 7P
   Blue LED
logo
Marl International Limi...
NSPB500AS MARL-NSPB500AS Datasheet
489Kb / 14P
   BLUE LED
NSPB300B MARL-NSPB300B Datasheet
474Kb / 14P
   BLUE LED
NSPB510AS MARL-NSPB510AS Datasheet
696Kb / 14P
   BLUE LED
logo
Lucky Light Electronic
LL-544BD2I-B4-3B-T LUCKY-LIGHT-LL-544BD2I-B4-3B-T_15 Datasheet
134Kb / 7P
   Blue LED
LL-304BC4B-B4-2GD LUCKY-LIGHT-LL-304BC4B-B4-2GD_15 Datasheet
134Kb / 7P
   Blue LED
LL-304BC2L-B4-3B LUCKY-LIGHT-LL-304BC2L-B4-3B Datasheet
135Kb / 7P
   Blue LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com