Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-304UYC4B-Y2-3AD Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # LL-304UYC4B-Y2-3AD
Description  Ultra Yellow LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-304UYC4B-Y2-3AD Datasheet(HTML) 2 Page - Lucky Light Electronic

  LL-304UYC4B-Y2-3AD_15 Datasheet HTML 1Page - Lucky Light Electronic LL-304UYC4B-Y2-3AD_15 Datasheet HTML 2Page - Lucky Light Electronic LL-304UYC4B-Y2-3AD_15 Datasheet HTML 3Page - Lucky Light Electronic LL-304UYC4B-Y2-3AD_15 Datasheet HTML 4Page - Lucky Light Electronic LL-304UYC4B-Y2-3AD_15 Datasheet HTML 5Page - Lucky Light Electronic LL-304UYC4B-Y2-3AD_15 Datasheet HTML 6Page - Lucky Light Electronic LL-304UYC4B-Y2-3AD_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Luckylight
Spec No.: B323 X435
Rev No.: V.2
Date: Sep/17/2009
Page: 2 OF 7
Approved: JoJo
Checked: Wu
Drawn: yao
Lucky Light Electronics Co., Ltd.
http://www.luckylightled.com
Features:
Descriptions:
Applications:
Popular T-1 diameter package.
High efficiency.
Selected minimum intensities.
Available on tape and reel.
Reliable and robust.
The product itself will remain within RoHS compliant Version.
The series is specially designed for applications requiring higher brightness.
The LED lamps are available with different colors, intensities.
Status indicators.
Commercial use.
Advertising Signs.
Back lighting.


Similar Part No. - LL-304UYC4B-Y2-3AD_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-304UYC4B-Y2-3AD LUCKY-LIGHT-LL-304UYC4B-Y2-3AD Datasheet
133Kb / 7P
   3mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
LL-304UYC4B-Y2-3AD LUCKY-LIGHT-LL-304UYC4B-Y2-3AD Datasheet
133Kb / 7P
   Ultra Yellow LED
More results

Similar Description - LL-304UYC4B-Y2-3AD_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-304UYC2L-Y2-TS LUCKY-LIGHT-LL-304UYC2L-Y2-TS Datasheet
134Kb / 7P
   Ultra Yellow LED
LL-304UYC4B-Y2-3AD LUCKY-LIGHT-LL-304UYC4B-Y2-3AD Datasheet
133Kb / 7P
   Ultra Yellow LED
LL-434UYD2J-Y3-1B-T LUCKY-LIGHT-LL-434UYD2J-Y3-1B-T_15 Datasheet
134Kb / 7P
   Ultra Yellow LED
LL-483UYC1C-Y2-4G LUCKY-LIGHT-LL-483UYC1C-Y2-4G_15 Datasheet
135Kb / 7P
   Ultra Yellow LED
LL-483UYC1C-Y2-TS LUCKY-LIGHT-LL-483UYC1C-Y2-TS_15 Datasheet
133Kb / 7P
   Ultra Yellow LED
LL-304UYC2L-Y2-3A LUCKY-LIGHT-LL-304UYC2L-Y2-3A_15 Datasheet
134Kb / 7P
   Ultra Yellow LED
LL-304UYC4B-Y2-2BD LUCKY-LIGHT-LL-304UYC4B-Y2-2BD_15 Datasheet
133Kb / 7P
   Ultra Yellow LED
LL-304UYC4B-Y2-4GD LUCKY-LIGHT-LL-304UYC4B-Y2-4GD_15 Datasheet
133Kb / 7P
   Ultra Yellow LED
LL-544UYD2I-Y2-4G LUCKY-LIGHT-LL-544UYD2I-Y2-4G_15 Datasheet
133Kb / 7P
   Ultra Yellow LED
LL-434UYD2J-Y2-3A-T LUCKY-LIGHT-LL-434UYD2J-Y2-3A-T Datasheet
137Kb / 7P
   Ultra Yellow LED
LL-434UYD2J-Y2-TS-T LUCKY-LIGHT-LL-434UYD2J-Y2-TS-T Datasheet
134Kb / 7P
   Ultra Yellow LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com