Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-304VC2L-V1-2B Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # LL-304VC2L-V1-2B
Description  Hyper Red LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-304VC2L-V1-2B Datasheet(HTML) 2 Page - Lucky Light Electronic

  LL-304VC2L-V1-2B_15 Datasheet HTML 1Page - Lucky Light Electronic LL-304VC2L-V1-2B_15 Datasheet HTML 2Page - Lucky Light Electronic LL-304VC2L-V1-2B_15 Datasheet HTML 3Page - Lucky Light Electronic LL-304VC2L-V1-2B_15 Datasheet HTML 4Page - Lucky Light Electronic LL-304VC2L-V1-2B_15 Datasheet HTML 5Page - Lucky Light Electronic LL-304VC2L-V1-2B_15 Datasheet HTML 6Page - Lucky Light Electronic LL-304VC2L-V1-2B_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Luckylight
Spec No: B308 X465
Rev No: V.2
Date: Sep/17/2009
Page: 2 OF 7
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
http://www.luckylightled.com
Features:
Choice of various viewing angles.
Available on tape and reel.
Reliable and robust.
The product itself will remain within RoHS compliant Version.
Descriptions:
The series is specially designed for applications requiring higher brightness
The LED lamps are available with different colors, intensities.
Applications:
TV set.
Monitor.
Telephone.
Computer.
Circuit board.
Choice of various color.
Available on tape and reel.
Reliable and robust.
The product itself will remain within RoHS compliant Version.
The series is specially designed for applications requiring higher brightness
The LED lamps are available with different colors, intensities.
TV set.
Monitor.
Telephone.
Computer.
Circuit board.


Similar Part No. - LL-304VC2L-V1-2B_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-304VC2L-V1-2B LUCKY-LIGHT-LL-304VC2L-V1-2B Datasheet
134Kb / 7P
   3mm Round With Flange Type Hyper Red LED Technical Data Sheet
LL-304VC2L-V1-2B LUCKY-LIGHT-LL-304VC2L-V1-2B Datasheet
134Kb / 7P
   3mm Round With Flange Type Hyper Red LED
More results

Similar Description - LL-304VC2L-V1-2B_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-304VC4B-V1-3BD LUCKY-LIGHT-LL-304VC4B-V1-3BD_15 Datasheet
133Kb / 7P
   Hyper Red LED
LL-304VC4B-V1-4ID LUCKY-LIGHT-LL-304VC4B-V1-4ID_15 Datasheet
133Kb / 7P
   Hyper Red LED
LL-304VC4B-V1-2BD LUCKY-LIGHT-LL-304VC4B-V1-2BD_15 Datasheet
133Kb / 7P
   Hyper Red LED
LL-304VC2L-V1-3B LUCKY-LIGHT-LL-304VC2L-V1-3B_15 Datasheet
134Kb / 7P
   Hyper Red LED
logo
Siemens Semiconductor G...
LHT676 SIEMENS-LHT676 Datasheet
312Kb / 6P
   Hyper TOPLED Hyper-Bright, Hyper-Red TS GaAIAs-LED
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
   SIDELED Super-Bright, Hyper-Red GaAIAs-LED
LHT774 SIEMENS-LHT774 Datasheet
399Kb / 7P
   TOPLED RG Super-Bright, Hyper-Red GaAIAs-LED
logo
Lucky Light Electronic
LL-304VC4B-V1-4ID LUCKY-LIGHT-LL-304VC4B-V1-4ID Datasheet
133Kb / 7P
   3mm Round With Flange Type Hyper Red LED
LL-304VC2L-V1-2B LUCKY-LIGHT-LL-304VC2L-V1-2B Datasheet
134Kb / 7P
   3mm Round With Flange Type Hyper Red LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com