Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP50DH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # EGP50DH
Description  SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

EGP50DH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  EGP50DH Datasheet HTML 1Page - Zowie Technology Corporation EGP50DH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PATEN
TED
EGP50DH THRU EGP50GH
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
Reverse Voltage - 50 to 400 Volts
Forward Current - 5.0 Amperes
FEATURES
MECHANICAL DATA
* Halogen-free type
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Superfast recovery time for high efficiency
* Low forward voltage, high current capability
* Low leakage current
* High surge current capability
* High temperature soldering guaranteed: 260
o
C/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : Molded plastic over glass body
Terminals : Tin Plated, solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Weight : 0.04 ounes , 1.12 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length (SEE FIG.1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 5.0 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
Maximum reverse recovery time (NOTE 1)
Typical thermal resistance (NOTE 2)
Operating junction and storage temperature range
SYMBOLS
VRRM
VRMS
VDC
I (AV)
IFSM
VF
IR
trr
R JA
R JL
TJ,TSTG
5.0
150
1.25
5
50
50
20
5
-65 to +175
UNITS
Volts
Volts
Maximum DC blocking voltage
EGP50DH
200
140
200
EGP50GH
400
280
400
Volts
Volts
Amps
Amps
uA
nS
o
C / W
o
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A
(2) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead lengths, P.C.B. mounted.
DO-201AD
*Dimensions in inches and (millimeters)
PATEN
TED
PATEN
TED
TM
Zowie Technology Corporation
REV. 0
0.220(5.6)
0.052(1.3)
0.048(1.2)
0.190(4.8)
DIA.
DIA.


Similar Part No. - EGP50DH

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EGP50D GE-EGP50D Datasheet
59Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
List of Unclassifed Man...
EGP50D ETC-EGP50D Datasheet
39Kb / 2P
   5 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
logo
Vishay Siliconix
EGP50D VISHAY-EGP50D Datasheet
106Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
EGP50D VISHAY-EGP50D Datasheet
80Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Luguang Electr...
EGP50D LUGUANG-EGP50D Datasheet
215Kb / 2P
   High Efficiency Rectifiers
More results

Similar Description - EGP50DH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP30A ZOWIE-EGP30A Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP30AH ZOWIE-EGP30AH Datasheet
213Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP50D ZOWIE-EGP50D Datasheet
56Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP10AH ZOWIE-EGP10AH Datasheet
170Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
EGP10A NJSEMI-EGP10A Datasheet
173Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Zowie Technology Corpor...
EGP10A ZOWIE-EGP10A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP15A ZOWIE-EGP15A Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP20A ZOWIE-EGP20A Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP20AH ZOWIE-EGP20AH Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
UGP10A ZOWIE-UGP10A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com