Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3997 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3997
Description  Audio playback and recording using the STM32F4DISCOVERY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3997 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3997 Datasheet HTML 1Page - STMicroelectronics AN3997 Datasheet HTML 2Page - STMicroelectronics AN3997 Datasheet HTML 3Page - STMicroelectronics AN3997 Datasheet HTML 4Page - STMicroelectronics AN3997 Datasheet HTML 5Page - STMicroelectronics AN3997 Datasheet HTML 6Page - STMicroelectronics AN3997 Datasheet HTML 7Page - STMicroelectronics AN3997 Datasheet HTML 8Page - STMicroelectronics AN3997 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Application overview
AN3997
4/15
Doc ID 022390 Rev 1
2
Application overview
2.1
Application description
The audio playback and record applications support two types of mass storage media. They
can play audio data in the internal Flash of the microcontroller or on an external USB key,
and record data only to an external USB key. This is selected by defines in the main.h file. In
the workspace toolbar, select the project configuration:
MEDIA_IntFLASH
MEDIA_USB_KEY
The firmware driver can:
Play a stored wave from an external USB key or internal Flash
Record a wave in an external USB key
Switch from play to record
Figure 1.
Audio playback and record architecture
This application is based on a STM32F4xx device and an STM32F4-DISCOVERY board.
The main features of the application are:
MEMS microphone
Audio Codec DAC
Headphone
USB key (if this the storage media used)
MEMS accelerometer
MS19886V1
Codec
(DAC)
I2S
Button
USB
host


Similar Part No. - AN3997

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3991 STMICROELECTRONICS-AN3991 Datasheet
585Kb / 15P
   How to drive multiple stepper motors with the L6470 motor driver
AN3992 STMICROELECTRONICS-AN3992 Datasheet
850Kb / 22P
   Using an STM8L162M8 AES hardware accelerator with a CR95HF to encrypt contactless tag data memory
AN3994 STMICROELECTRONICS-AN3994 Datasheet
2Mb / 53P
   One of the bigger challenges
AN3995 STMICROELECTRONICS-AN3995 Datasheet
372Kb / 49P
   Getting started tutorial
AN3998 STMICROELECTRONICS-AN3998 Datasheet
96Kb / 10P
   PDM audio software decoding on STM32 microcontrollers
More results

Similar Description - AN3997

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
   VCR Audio Signal Recording and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
   VCR Audio Signal Recording and Playback Processor?
logo
NXP Semiconductors
TDA1016 PHILIPS-TDA1016 Datasheet
58Kb / 9P
   Recording/playback and 2 W audio power amplifier
August 1987
logo
Sanyo Semicon Device
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7295 SANYO-LA7295 Datasheet
131Kb / 6P
   VTR Audio Signal Recording/ Playback Processor?
LA7096 SANYO-LA7096 Datasheet
209Kb / 5P
   VTR Audio Signal Recording/Playback Processor
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
OKI electronic componet...
MSM9888L OKI-MSM9888L Datasheet
106Kb / 14P
   Flash-driving Recording and Playback IC
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com