Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGF10MAH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # RGF10MAH
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

RGF10MAH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  RGF10MAH Datasheet HTML 1Page - Zowie Technology Corporation RGF10MAH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES RGF10AH THRU RGF10MH
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.75
1.00
0.50
0.25
0.10
1.00
10.00
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
75
100
125
150
175
200
60Hz
RESISTIVE OR
INDUCTIVE LOAD
PULSE WIDTH=300uS
1% DUTY CYCLE
LEAD TEMPERATURE,
o
C
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
5
10
15
20
25
30
1
10
100
0.1
1
10
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
FIG.6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
REVERSE VOLTAGE, VOLTS
.1
1
40
200
.2
.4
1.0
2
4
10
20
40
100
t , PULSE DURATION, sec
100
10
1.0
0.10
0.01
2
4
10
6
20
60
100
Zowie Technology Corporation
REV. 1
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
20
1
10
100
TJ = 25
oC
TJ = 25
oC
TJ = 125
oC
TJ = 150
oC
40
60
80
100
110


Similar Part No. - RGF10MAH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGF10MA ZOWIE-RGF10MA Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
More results

Similar Description - RGF10MAH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGF15A ZOWIE-RGF15A Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF30A ZOWIE-RGF30A Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF10A ZOWIE-RGF10A Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF30AH ZOWIE-RGF30AH Datasheet
64Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF20A ZOWIE-RGF20A Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF20AH ZOWIE-RGF20AH Datasheet
64Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Jinan Jing Heng Electro...
ES1A JINGHENG-ES1A Datasheet
49Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
ES3A JINGHENG-ES3A Datasheet
46Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
E2AS JINGHENG-E2AS Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
ES2A JINGHENG-ES2A Datasheet
47Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com