Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4054 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4054
Description  This application note highlights the key differences
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4054 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4054 Datasheet HTML 1Page - STMicroelectronics AN4054 Datasheet HTML 2Page - STMicroelectronics AN4054 Datasheet HTML 3Page - STMicroelectronics AN4054 Datasheet HTML 4Page - STMicroelectronics AN4054 Datasheet HTML 5Page - STMicroelectronics AN4054 Datasheet HTML 6Page - STMicroelectronics AN4054 Datasheet HTML 7Page - STMicroelectronics AN4054 Datasheet HTML 8Page - STMicroelectronics AN4054 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2012
Doc ID 022825 Rev 3
1/13
AN4054
Application note
Comparison of RF addressing modes of
low-density and high-density ISO/IEC 15693 devices
Introduction
This application note highlights the key differences of RF addressing modes between the
products of the ISO/IEC 15693 STMicroelectronics family, which is composed of the dual
interface EEPROM products (M24LRx) and the long range contactless products (LRix).
The memory size is a key point and has an impact on some specific parameters of the RF
(Radio frequency) commands.
Dual interface memory M24LRx overview
M24LRx devices are a dual-interface EEPROM. They feature an I2C interface. They are also
a contactless memory powered by the received carrier electromagnetic wave. Thus, its
internal memory can be addressed by either an I2C bus or the RF interface.
The M24LRx products are compliant to the ISO/IEC 15693 recommendation for radio-
frequency power and signal interface.
Long range contactless tag LRxK overview
LRxK devices are contactless memory powered by the received carrier electromagnetic
wave with an EEPROM. They are compliant with the ISO/IEC 15693 specification.
Table 1 lists the products concerned by this application note.
.
Table 1.
Applicable products
Type
Applicable products
Dual Interface EEPROM
M24LR04E-R, M24LR64-R, M24LR64E-R, M24LR16E-R
RFID & RF Memory ICs
LRi1K, LRi2K, LRiS2K, LRiS64K
www.st.com


Similar Part No. - AN4054

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4050 STMICROELECTRONICS-AN4050 Datasheet
1Mb / 19P
   The STEVAL-ISV012V1 is a demonstration board that mounts
AN4057 STMICROELECTRONICS-AN4057 Datasheet
132Kb / 13P
   This application note is addressed to system hardware designers using
More results

Similar Description - AN4054

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2394 STMICROELECTRONICS-AN2394 Datasheet
163Kb / 13P
   The purpose of this application note
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
   This application note describes the characteristics
AN1577 STMICROELECTRONICS-AN1577 Datasheet
149Kb / 30P
   This application note presents the implementation
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
   This application note describes the ProxSense
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
   This application note describes the implementation
AN1772 STMICROELECTRONICS-AN1772 Datasheet
80Kb / 8P
   This Application Note describes the problems
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
   This application note describes the operations
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
   This application note describes the characteristics
AN4599 STMICROELECTRONICS-AN4599 Datasheet
906Kb / 26P
   This application note describes the features
AN1882 STMICROELECTRONICS-AN1882 Datasheet
869Kb / 30P
   This application note details the main features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com