Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U5A2CIC Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # U5A2CIC
Description  ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

U5A2CIC Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  U5A2CIC Datasheet HTML 1Page - KEC(Korea Electronics) U5A2CIC Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2001. 9. 18
2/2
U5A2CIC
Revision No : 0
NUMBER OF CYCLES AT 50Hz AND 60Hz
1
0
5
10
15
20
30
25
10
33 0
55 0
SURGE FORWARD CURRENT
(NON - REPETITIVE)
100
Ta=25 C
f=60MHz
50MHz
P
- I
F(AV)
O
O
AVERAGE OUTPUT RECTIFIED CURRENT I
(A)
0
0
1
2
3
4
5
12
3
4
5
6
RECTANGULAR
WAVEFORM
180
360
Tc - I O
O
AVERAGE OUTPUT RECTIFIED CURRENT I
(A)
0
60
80
100
120
160
140
12
34
5
RECTANGULAR
WAVEFORM
180
360
I - V
F
F
F
FORWARD VOLTAGE V
(V)
T =150 C
25 C
j
0.4
0.1
0.3
1
0.5
3
0.6
0.8
1.0
1.2
1.4
1.6
10
5
1.8
30
50


Similar Part No. - U5A2CIC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
U5A2CIC KEC-U5A2CIC Datasheet
153Kb / 1P
   TO-220IS PACKAGE
U5A2CIC KEC-U5A2CIC Datasheet
42Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U5A2CIC KEC-U5A2CIC_02 Datasheet
153Kb / 1P
   TO-220IS PACKAGE
U5A2CIC KEC-U5A2CIC_07 Datasheet
42Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
More results

Similar Description - U5A2CIC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
U10A4CIC KEC-U10A4CIC Datasheet
69Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER)
U5A4CIC KEC-U5A4CIC Datasheet
69Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER)
U10A2CIC KEC-U10A2CIC Datasheet
69Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER)
U5A4CI KEC-U5A4CI Datasheet
69Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER)
U5A2CI KEC-U5A2CI Datasheet
69Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER)
SMAU1D KEC-SMAU1D Datasheet
382Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
SMAU1G KEC-SMAU1G Datasheet
382Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
SMAU2D KEC-SMAU2D Datasheet
382Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
SMAU1J KEC-SMAU1J Datasheet
62Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
SMAU2J KEC-SMAU2J Datasheet
62Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com