Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS355GH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # 1SS355GH
Description  Switching Diode Lead free product Halogen-free type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

1SS355GH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  1SS355GH_15 Datasheet HTML 1Page - Zowie Technology Corporation 1SS355GH_15 Datasheet HTML 2Page - Zowie Technology Corporation 1SS355GH_15 Datasheet HTML 3Page - Zowie Technology Corporation 1SS355GH_15 Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Zowie Technology Corporation
1SS355GH
Zowie Technology Corporation
REV. 0
Ta=125
oC
75
oC
25
oC
-25
oC
FORWARD VOLTAGE, (V)
REVERSE VOLTAGE, (V)
10u
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
100u
1m
10m
100m
1
1n
10n
100n
1u
10u
0.1m
1m
FIG. 2 - REVERSE CHARACTERISTICS
FIG. 1 - FORWARD CHARACTERISTICS
0
20
40
60
80
100
120
Ta=125
oC
75
oC
25
oC
0
1
2
3
0.1
1
10
1
5
10
2
20
50
PULSE
Single pulse
100
100
1000
10000
VR=6V
IRR=1/10IR
0
10
20
30
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
FORWARD CURRENT, (mA)
FIG. 4 - REVERSE RECOVERY TIME CHARATERISTICS
PULSE WIDTH, (Sec)
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
PULSE GENERATOR
OUTPUT 50
SAMPLING
OSCILLOSCOPE
50
0.01µF
D.U.T.
5
FIG. 6 - REVERSE RECOVERY TIME MEASUREMENT CIRCUIT
0
2
4
6
8
10
12
14
0.1
0.2
0.5
1
2
5
10
REVERSE VOLTAGE, (V)


Similar Part No. - 1SS355GH_15

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
1SS355GH ZOWIE-1SS355GH Datasheet
48Kb / 2P
   Switching Diode
More results

Similar Description - 1SS355GH_15

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS400GH ZOWIE-1SS400GH Datasheet
107Kb / 2P
   Switching Diode Lead free product Halogen-free type
BAS16GH ZOWIE-BAS16GH Datasheet
51Kb / 2P
   Switching Diode Lead free product Halogen-free type
BAV99WGH ZOWIE-BAV99WGH Datasheet
107Kb / 3P
   Silicon Switching Diode Lead free product Halogen-free type
BAW56WGH ZOWIE-BAW56WGH Datasheet
71Kb / 3P
   Silicon Switching Diode Array Lead free product Halogen-free type
DAN217UGH ZOWIE-DAN217UGH Datasheet
259Kb / 2P
   Dual series switching diode Lead free product Halogen-free type
BAS21GH ZOWIE-BAS21GH Datasheet
94Kb / 3P
   High Voltage Switching Diode Lead free product Halogen-free type
BAV99GH ZOWIE-BAV99GH Datasheet
70Kb / 2P
   Dual Series Switching Diode Lead free product Halogen-free type
BAV70WGH ZOWIE-BAV70WGH Datasheet
44Kb / 3P
   Dual Switching Diodes Lead free product Halogen-free type
BAT54RAGH ZOWIE-BAT54RAGH Datasheet
232Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com