Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD70F3017AY Datasheet(PDF) 1 Page - NEC

Part # UPD70F3017AY
Description  V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3017AY Datasheet(HTML) 1 Page - NEC

  UPD70F3017AY Datasheet HTML 1Page - NEC UPD70F3017AY Datasheet HTML 2Page - NEC UPD70F3017AY Datasheet HTML 3Page - NEC UPD70F3017AY Datasheet HTML 4Page - NEC UPD70F3017AY Datasheet HTML 5Page - NEC UPD70F3017AY Datasheet HTML 6Page - NEC UPD70F3017AY Datasheet HTML 7Page - NEC UPD70F3017AY Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOS INTEGRATED CIRCUIT
PPPPPD70F3017A, 70F3017AY
V850/SA1
TM
32-/16-BIT SINGLE-CHIP MICROCONTROLLER
Document No. U14527EJ2V0DS00 (2nd edition)
Date Published August 2000 J CP(K)
Printed in Japan
DATA SHEET
©
2000
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
The mark
shows major revised points.
The
PPD70F3017A, 70F3017AY are products with on-chip flash memory. Because the devices can be
programmed by the user on-board, they are ideal for the evaluation stages of system development, small-scale
production of a variety of products, and rapid development of new products.
The V850/SA1 provides a high-level cost performance ideal for applications ranging from low-power camcorders
and other AV equipment to portable telephone equipment such as cellular phones and personal handyphone
systems (PHS).
Detailed function descriptions are provided in the following user's manuals. Be sure to read them before
designing.
V850/SA1 User's Manual Hardware:
U12768E
V850 Family
TM User's Manual Architecture:
U10243E
FEATURES
{ Number of instructions: 74
{ Minimum instruction execution time:
59 ns (@ 17 MHz operation with main system
clock (fXX))
50 ns (@ 20 MHz operation with main system
clock (fXX))
30.5
Ps (@ 32.768 kHz operation with subsystem
clock (fXT))
{ General-purpose registers: 32 bits u 32 registers
{ Instruction set:
Signed multiplication, saturation operations, 32-bit
shift instructions, bit manipulation instructions,
load/store instructions
{ Memory space:
16 MB linear address space
Memory block division function: 2 MB per block
{ External bus interface: 16-bit data bus
Address bus: Separate output enabled
{ Internal memory
Flash memory: 256 KB
RAM: 8 KB
{ Interrupts and exceptions
External: 8, internal: 23, exceptions: 1
{ I/O lines Total: 85
{ Timer/counters
16-bit timer:
2 channels
8-bit timer:
4 channels
{ Watch timer: 1 channel
{ Watchdog timer: 1 channel
{ Serial interface (SIO)
Asynchronous serial interface (UART)
Clocked serial interface (CSI)
I
2C bus interface (
PPD70F3017AY)
{ A/D converter: 12 channels
{ DMA controller: 3 channels
{ RTP: 8 bits u 1 channel or 4 bits u 2 channels
{ Power-saving functions: HALT/IDLE/STOP modes
{ Packages: 100-pin plastic LQFP (14 u 14 mm)
121-pin plastic FBGA (12
u 12 mm)


Similar Part No. - UPD70F3017AY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3017AY NEC-UPD70F3017AY Datasheet
413Kb / 48P
   32-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3017AYF1-EA6 NEC-UPD70F3017AYF1-EA6 Datasheet
413Kb / 48P
   32-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3017AYGC-8EU NEC-UPD70F3017AYGC-8EU Datasheet
413Kb / 48P
   32-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD70F3017AY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703014A NEC-UPD703014A Datasheet
309Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Infineon Technologies A...
XC2269I INFINEON-XC2269I Datasheet
1Mb / 134P
   16/32-Bit Single-Chip Microcontroller
V1.3, 2014-07
XC2288I INFINEON-XC2288I Datasheet
1Mb / 145P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2200 INFINEON-XC2200 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
XC2361B INFINEON-XC2361B_14 Datasheet
733Kb / 128P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com