Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLL-PAR30-061-Y45 Datasheet(PDF) 1 Page - BetLux Electronics

Part # TLL-PAR30-061-Y45
Description  Spot Lamp Series PAR30
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLL-PAR30-061-Y45 Datasheet(HTML) 1 Page - BetLux Electronics

  TLL-PAR30-061-Y45 Datasheet HTML 1Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
  
LED Spot Lamp/LED Par Lamp
TLL-PAR30-061-XX
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V. 1
Page 1 of 1
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
■  Features:
Ø
Spot Lamp Series PAR30
Ø
Product Number:   TLL-PAR30-061-XX
Ø
Led quautity:   50pcs
Ø
Voltage:   110V/220-240V
Ø
Color:   Red/ yellow/ blue/ green/ white/ orange/ purple
Ø
Base:   E27
Ø
Life time:   50000 hours
Ø
Weight:   0.13 kgs/PCS
n
Applications
widely used in Super Market, Hotel, Tavern, Night Club, Disco Hall, Karaoke Room, Coffee House, Bank, Meeting Room,
Exhibition Hall, Exhibition Wardrobe, Show Window, Living House.
n
Electrical-optical characteristics (Ta=25°C)
Part Number
LED#
Color
Voltage
Watts
(W)
Brightness
(LM)
Life
(H)
Base
TLL-PAR30-061-R45
45
Red
110/220
4.5
24
50000
E27
TLL-PAR30-061-Y45
45
Yellow
110/220
4.5
29
50000
E27
TLL-PAR30-061-B45
45
Blue
110/220
4.5
29
50000
E27
TLL-PAR30-061-G45
45
Green
110/220
4.5
56
50000
E27
TLL-PAR30-061-w45
45
White
110/220
4.5
69
50000
E27
TLL-PAR30-061-R60
60
Red
110/220
6
32
50000
E27
TLL-PAR30-061-Y60
60
Yellow
110/220
6
38
50000
E27
TLL-PAR30-061-B60
60
Blue
110/220
6
38
50000
E27
TLL-PAR30-061-G60
60
Green
110/220
6
74
50000
E27
TLL-PAR30-061-w60
60
White
110/220
6
92
50000
E27
■  Drawing
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±1mm(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice
95(3.74)
E27


Similar Part No. - TLL-PAR30-061-Y45

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLL-PAR38-061 BETLUX-TLL-PAR38-061 Datasheet
37Kb / 1P
   Spot Lamp Series PAR38
TLL-PAR38-061-B45 BETLUX-TLL-PAR38-061-B45 Datasheet
37Kb / 1P
   Spot Lamp Series PAR38
TLL-PAR38-061-G45 BETLUX-TLL-PAR38-061-G45 Datasheet
37Kb / 1P
   Spot Lamp Series PAR38
TLL-PAR38-061-R45 BETLUX-TLL-PAR38-061-R45 Datasheet
37Kb / 1P
   Spot Lamp Series PAR38
TLL-PAR38-061-R60 BETLUX-TLL-PAR38-061-R60 Datasheet
37Kb / 1P
   Spot Lamp Series PAR38
More results

Similar Description - TLL-PAR30-061-Y45

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLL-M16-061 BETLUX-TLL-M16-061 Datasheet
35Kb / 1P
   Spot Lamp Series MR16
TLL-PAR20-061 BETLUX-TLL-PAR20-061 Datasheet
37Kb / 1P
   Spot Lamp Series PAR20
TLL-PAR38-061 BETLUX-TLL-PAR38-061 Datasheet
37Kb / 1P
   Spot Lamp Series PAR38
TLL-GU10-061 BETLUX-TLL-GU10-061 Datasheet
36Kb / 1P
   Spot Lamp Series GU10
TLL-JDR-061 BETLUX-TLL-JDR-061 Datasheet
35Kb / 1P
   JDR LED Spot Lamp
logo
List of Unclassifed Man...
PAR30X-010-3000 ETC2-PAR30X-010-3000 Datasheet
331Kb / 5P
   10W PAR30 3 LEDs High Power LED Lamp
logo
BetLux Electronics
TLL-GU10F3W-061 BETLUX-TLL-GU10F3W-061 Datasheet
38Kb / 1P
   Spot Lamp High Power, GU10 base
TLL-MR16H1W-061 BETLUX-TLL-MR16H1W-061 Datasheet
39Kb / 1P
   Spot Lamp High Power, MR16 base
TLL-GU10HT3W-061 BETLUX-TLL-GU10HT3W-061 Datasheet
36Kb / 1P
   Spot Lamp High Power, GU10 base
TLL-MR16F3W-061 BETLUX-TLL-MR16F3W-061 Datasheet
38Kb / 1P
   Spot Lamp High Power, MR16 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com