Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4250L Datasheet(PDF) 10 Page - Linear Technology

Part # LT4250L
Description  Negative 48V Hot Swap Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4250L Datasheet(HTML) 10 Page - Linear Technology

Back Button LT4250L Datasheet HTML 6Page - Linear Technology LT4250L Datasheet HTML 7Page - Linear Technology LT4250L Datasheet HTML 8Page - Linear Technology LT4250L Datasheet HTML 9Page - Linear Technology LT4250L Datasheet HTML 10Page - Linear Technology LT4250L Datasheet HTML 11Page - Linear Technology LT4250L Datasheet HTML 12Page - Linear Technology LT4250L Datasheet HTML 13Page - Linear Technology LT4250L Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LT4250L/LT4250H
10
4250lhfa
Figure 8. Voltage Step on Input Supply Waveforms
APPLICATIONS INFORMATION
Figure 9. Circuit for Input Steps with Small C2 (<10nF)
Figure 10. Automatic Restart After Current Fault
VEE AND
DRAIN
20V/DIV
ID (Q1)
5A/DIV
500μs/DIV
4250 08
VEE
VDD
LT4250H
PWRGD
SENSE
C1
150nF
25V
C3
0.1μF
100V
C4
22μF
100V
Q1
IRF530
R2
10Ω
5%
R3
1k
5%
C2
3.3nF
100V
R4
549k
1%
R5
6.49k
1%
R6
10k
1%
R1
0.02Ω
5%
4
3
2
–48V RTN
–48V
OV
UV
56
8
1
GATE
DRAIN
4250 F09
+
7
–48V RTN
(SHORT PIN)
*
* DIODES INC. SMAT70A
R7
220Ω
5%
4
3
2
1
D1
BAT85
VEE
VDD
LT4250L
PWRGD
SENSE
C1
470nF
25V
C4
1μF
100V
C3
100μF
100V
Q1
IRF530
R2
10Ω
5%
R8
510k
5%
R3
1k, 5%
C2
15nF
100V
R4
549k
1%
R7
1M
5%
R5
16.5k
1%
R9
10k
1%
R6
549k
1%
Q3
ZVN3310
Q2
2N2222
D1
1N4148
R1
0.02Ω
5%
4
3
2
OV
–48V
UV
56
8
7
1
GATE
DRAIN
4250 F10a
3
2
+
–48V RTN
–48V RTN
(SHORT PIN)
*
* DIODES INC. SMAT70A
4
3
2
1
NODE 2
50V/DIV
GATE
2V/DIV
1s/DIV
4250 F10
A circuit that automatically resets the circuit breaker after
a current fault is shown in Figure 10. Transistors Q2 and
Q3 along with R7, R8, C4 and D1 form a programmable
one-shot circuit. Before a short occurs, the GATE pin is
pulled high and Q3 is turned on, pulling node 2 to VEE.
Resistor R8 turns off Q2. When a short occurs, the GATE
pin is pulled low and Q3 turns off. Node 2 starts to charge
C4 and Q2 turns on, pulling the UV pin low and resetting
the circuit breaker. As soon as C4 is fully charged, R8 turns
off Q2, UV goes high and the GATE starts to ramp up. Q3
turns back on and quickly pulls node 2 back to VEE. Diode
D1 clamps node 3 one diode drop below VEE. The duty
cycle is set to 10% to prevent Q1 from overheating.


Similar Part No. - LT4250L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4250L LINER-LT4250L Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
logo
Analog Devices
LT4250L AD-LT4250L Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LT4250L AD-LT4250L Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
logo
Linear Technology
LT4250LCN8 LINER-LT4250LCN8 Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
LT4250LCS8 LINER-LT4250LCS8 Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
More results

Similar Description - LT4250L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250L LINER-LT4250L Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
MCP18480 MICROCHIP-MCP18480_13 Datasheet
651Kb / 64P
   -48V Hot Swap Controller
10/26/12
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com