Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6010 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6010
Description  Rail-to-Rail Output Precision Op Amp with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6010 Datasheet HTML 3Page - Linear Technology LT6010 Datasheet HTML 4Page - Linear Technology LT6010 Datasheet HTML 5Page - Linear Technology LT6010 Datasheet HTML 6Page - Linear Technology LT6010 Datasheet HTML 7Page - Linear Technology LT6010 Datasheet HTML 8Page - Linear Technology LT6010 Datasheet HTML 9Page - Linear Technology LT6010 Datasheet HTML 10Page - Linear Technology LT6010 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT6010
7
sn6010 6010fs
Total Input Noise
vs Source Resistance
0.1Hz to 10Hz Noise
SOURCE RESISTANCE (
Ω)
100
1k
10k
100k
1M
10M
0.0001
0.01
10
100M
6010 G07
0.001
0.1
1
TOTAL NOISE
RESISTOR NOISE ONLY
VS = 5V, 0V
TA = 25°C
f = 1kHz
0.01Hz to 1Hz Noise
TIME (SEC)
0
8
6010 G08
246
10
7
135
9
VS = ±15V
TA = 25°C
TIME (SEC)
0
80
6010 G09
20
40
60
100
70
10
30
50
90
VS = ±15V
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Swing
vs Temperature
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Load Current (Output Low)
TEMPERATURE (
°C)
–50
–20
25
6010 G10
40
–25
0
50
20
V
V+
–40
–60
60
75
100
125
VS = 5V, 0V
NO LOAD
OUTPUT HIGH
OUTPUT LOW
LOAD CURRENT (mA)
0.01
0.01
0.1
1
0.1
1
10
6010 G11
TA = 85°C
TA = 25°C
VS = 5V, 0V
TA = –40°C
LOAD CURRENT (mA)
0.01
0.01
0.1
1
0.1
1
10
6010 G12
TA = 85°C
TA = 25°C
VS = 5V, 0V
TA = –40°C
Input Bias Current vs Temperature
Input Bias Current
vs Input Common Mode Voltage
en, in vs Frequency
TEMPERATURE (
°C)
–50
–100
200
100
400
300
600
500
50
6010 G04
0
0
–25
75
100
25
IB
IB
+
125
800
700
900
1000
VS = 5V, 0V
TYPICAL PART
FREQUENCY (Hz)
1
10
100
100
1000
10
100
1000
6010 G06
CURRENT NOISE
VOLTAGE NOISE
VS = ±15V
TA = 25°C
2V/DIV
–100
100
6010 G05
–15
15
TA = –40°C
TA = 85°C
TA = 25°C


Similar Part No. - LT6010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6010 LINER-LT6010 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LT6010 LINER-LT6010 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT6010 LINER-LT6010 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Littelfuse
LT60100-1 LITTELFUSE-LT60100-1 Datasheet
526Kb / 4P
   Class T Fuse Blocks - 300 and 600 Volt
More results

Similar Description - LT6010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
   Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com